Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2068FJ-M Arkusz danych(PDF) 4 Page - Rohm

Numer części BD2068FJ-M
Szczegółowy opis  Soft-Start Circuit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2068FJ-M Arkusz danych(HTML) 4 Page - Rohm

  BD2068FJ-M Datasheet HTML 1Page - Rohm BD2068FJ-M Datasheet HTML 2Page - Rohm BD2068FJ-M Datasheet HTML 3Page - Rohm BD2068FJ-M Datasheet HTML 4Page - Rohm BD2068FJ-M Datasheet HTML 5Page - Rohm BD2068FJ-M Datasheet HTML 6Page - Rohm BD2068FJ-M Datasheet HTML 7Page - Rohm BD2068FJ-M Datasheet HTML 8Page - Rohm BD2068FJ-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4/22
BD2068FJ-M
BD2069FJ-M
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0GGG0H300030-1-2
7.Apr.2015 Rev.001
Electrical Characteristics - continued
BD2069FJ-M
(Unless otherwise specified VIN = 5.0V, Ta = 25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Operating Current
IDD
-
130
180
μA
V/EN = 0V , OUT=OPEN
Standby Current
ISTB
-
0.01
1
μA
V/EN = 5V , OUT=OPEN
/EN Input Voltage
V/EN
2.0
-
-
V
High Input
V/EN
-
-
0.8
V
Low Input
/EN Input Current
I/EN
-1.0
+0.01
+1.0
μA
V/EN = 0V
or
V/EN = 5V
/OC Output Low Voltage
V/OCL
-
-
0.5
V
I/OC = 1mA
/OC Output Leak Current
IL/OC
-
0.01
1
μA
V/OC = 5V
/OC Delay Time
t/OC
10
15
20
ms
ON-Resistance
RON
-
80
125
IOUT = 500mA
Switch Leak Current
ILSW
-
-
1.0
μA
V/EN = 5V, VOUT = 0V
Reverse Leak Current
ILREV
-
-
1.0
μA
VOUT = 5.5V, VIN = 0V
Current Limit Threshold
ITH
1.5
2.4
3.0
A
Short Circuit Current
ISC
1.1
1.5
2.1
A
VOUT = 0V
CL = 47μF (RMS)
Output Rise Time
tON1
-
0.8
10
ms
RL = 10Ω
Output Turn-ON Time
tON2
-
1.1
20
ms
RL = 10Ω
Output Fall Time
tOFF1
-
5
20
μs
RL = 10Ω
Output Turn-OFF Time
tOFF2
-
10
40
μs
RL = 10Ω
UVLO Threshold
VTUVH
2.1
2.3
2.5
V
VIN Increasing
VTUVL
2.0
2.2
2.4
V
VIN Decreasing


Podobny numer części - BD2068FJ-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD206 MOTOROLA-BD206 Datasheet
89Kb / 2P
   10 AMPERE POWER TRANSISTOR PNP SILICON
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

Podobny opis - BD2068FJ-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
   Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
   Soft start valve
3/31/22
542569 FESTO-542569 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
532049 FESTO-532049 Datasheet
86Kb / 2P
   Soft start valve
4/1/22
logo
Unisonic Technologies
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
239Kb / 5P
   Programmable Soft-Start
logo
Festo Corporation.
529532 FESTO-529532 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
532042 FESTO-532042 Datasheet
85Kb / 2P
   Soft start valve
4/1/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com