Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2269G-M Arkusz danych(PDF) 11 Page - Rohm

Numer części BD2269G-M
Szczegółowy opis  AEC-Q100 Qualified
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2269G-M Arkusz danych(HTML) 11 Page - Rohm

Back Button BD2269G-M Datasheet HTML 7Page - Rohm BD2269G-M Datasheet HTML 8Page - Rohm BD2269G-M Datasheet HTML 9Page - Rohm BD2269G-M Datasheet HTML 10Page - Rohm BD2269G-M Datasheet HTML 11Page - Rohm BD2269G-M Datasheet HTML 12Page - Rohm BD2269G-M Datasheet HTML 13Page - Rohm BD2269G-M Datasheet HTML 14Page - Rohm BD2269G-M Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/23
BD2268G-M
BD2269G-M
Datasheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111
15
001
TSZ02201-0R5R0H300120-1-2
24.Feb.2014 Rev.001
Typical Performance Curves - continued
Figure 24. Output Turn OFF Time
vs Supply Voltage
Figure 25. Output Turn OFF Time
vs Ambient Temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
2
3
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Supply Voltage: VIN [V]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[
]
VIN=5.0V
Ambient Temperature: Ta [°C]
Figure 26. /OC Delay Time vs
Supply Voltage
10
12
14
16
18
20
2
3
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Supply Voltage: VIN [V]
Figure 27. /OC Delay Time vs
Ambient Temperature
10
12
14
16
18
20
-50
0
50
100
AMBIENT TEMPERATURE : Ta[
]
VIN=5.0V
Ambient Temperature: Ta [°C]


Podobny numer części - BD2269G-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
BD226 ISC-BD226 Datasheet
109Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD226 NJSEMI-BD226 Datasheet
134Kb / 2P
   Silicon NPN Power Transistor
logo
Rohm
BD22621G-M ROHM-BD22621G-M Datasheet
1Mb / 26P
   0.3A Current Limit High Side Switch ICs
2.Nov.2016 Rev.001
BD22621G-MTR ROHM-BD22621G-MTR Datasheet
1Mb / 26P
   0.3A Current Limit High Side Switch ICs
2.Nov.2016 Rev.001
BD2262G-M ROHM-BD2262G-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results

Podobny opis - BD2269G-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com