Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD14000EFV-C Arkusz danych(PDF) 8 Page - Rohm

Numer części BD14000EFV-C
Szczegółowy opis  AEC-Q100 qualified
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD14000EFV-C Arkusz danych(HTML) 8 Page - Rohm

Back Button BD14000EFV-C Datasheet HTML 4Page - Rohm BD14000EFV-C Datasheet HTML 5Page - Rohm BD14000EFV-C Datasheet HTML 6Page - Rohm BD14000EFV-C Datasheet HTML 7Page - Rohm BD14000EFV-C Datasheet HTML 8Page - Rohm BD14000EFV-C Datasheet HTML 9Page - Rohm BD14000EFV-C Datasheet HTML 10Page - Rohm BD14000EFV-C Datasheet HTML 11Page - Rohm BD14000EFV-C Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Datasheet
8/18
TSZ02201-0Q3Q0JZ00270-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
22.Jun.2015 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BD14000EFV-C
Function description and items that need attention
1.
Setting the operation mode from the Enable terminal
It is possible to control the cell balancer function ON/OFF setting of the IC via the operation mode setting pin (ENIN)
The settings for each input terminal is shown on the following table
Input
Balancer Setting
Remarks
ENIN
ON/OFF
0
OFF
Standby
1
ON
Operating
When standby, only the internal power supply (VREG) is operational.
When operating, the other blocks are also operational.
2.
Detection Voltage Setting
By using the detection voltage setting terminal pins (VSET0,1 and 2), setting the cell balance start detection voltage
(VCB) and over-voltage detection voltage 1,2 (VOVLO1,2) is possible. Output for each input terminal is shown on the
following table:
Input
Output
VSET2
VSET1
VSET0
VCB[V]
VOVLO1[V]
VOVLO2[V]
0
0
0
2.4
VCB+0.15(*1)
or
VCB+0.25(*2)
VCB+0.3(*1)
or
VCB+0.5(*2)
0
0
1
2.5
0
1
0
2.6
0
1
1
2.7
1
0
0
2.8
1
0
1
2.9
1
1
0
3.0
1
1
1
3.1
(*1)
OVLOSEL=’L’ condition
(*2)
OVLOSEL=’H’ condition
3.
Over-Voltage Flag output
The Over- Voltage Detection Output Terminals (VO_OVLO1, 2) are the OR output signals of the chip’s built-in over-
voltage detection 1 and 2 output signals.
The flag output logic is shown on the following tables:
Built-In Over-
Voltage
Detection
(OVLO1)
Output
(VO_OVLO1)
Non-Detection
Hi-Z
Detection
L
Built-In Over-
Voltage
Detection
(OVLO2)
Output
(VO_OVLO2)
Non-Detection
Hi-Z
Detection
L


Podobny numer części - BD14000EFV-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD140 MOTOROLA-BD140 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
List of Unclassifed Man...
BD140 ETC-BD140 Datasheet
1Mb / 14P
   GERMANIOVE TRANZISTORY
logo
ON Semiconductor
BD140 ONSEMI-BD140 Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
logo
Fairchild Semiconductor
BD140 FAIRCHILD-BD140 Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
logo
NXP Semiconductors
BD140 PHILIPS-BD140 Datasheet
44Kb / 8P
   PNP power transistors
1999 Apr 12
More results

Podobny opis - BD14000EFV-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com