Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD35395FJ-M Arkusz danych(PDF) 5 Page - Rohm

Numer części BD35395FJ-M
Szczegółowy opis  Incorporates an enabler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD35395FJ-M Arkusz danych(HTML) 5 Page - Rohm

  BD35395FJ-M Datasheet HTML 1Page - Rohm BD35395FJ-M Datasheet HTML 2Page - Rohm BD35395FJ-M Datasheet HTML 3Page - Rohm BD35395FJ-M Datasheet HTML 4Page - Rohm BD35395FJ-M Datasheet HTML 5Page - Rohm BD35395FJ-M Datasheet HTML 6Page - Rohm BD35395FJ-M Datasheet HTML 7Page - Rohm BD35395FJ-M Datasheet HTML 8Page - Rohm BD35395FJ-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Datasheet
Datasheet
5/16
TSZ02201-0R6R0AN00610-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
5.Jun.2014 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BD35395FJ-M
Electrical Characteristics(Unless otherwise specified Ta=25℃, VCC=3.3V, VEN=3V, VDDQ=1.8V, VTT_IN=1.8V)
Parameter
Symbol
Limit
Unit
Condition
MIN
TYP
MAX
Standby Current
IST
-
0.5
1.0
mA
VEN=0V
Bias Current
ICC
-
2
4
mA
VEN=3V
[Enable]
High Level Enable Input Voltage
VENHIGH
2.3
-
5.5
V
Low Level Enable Input Voltage
VENLOW
-0.3
-
0.8
V
Enable Pin Input Current
IEN
-
7
10
µA
VEN=3V
[Termination]
Termination Output Voltage
(DDR2)
VTT2
1/2×VDDQ
-30m
1/2×VDDQ
1/2×VDDQ
+30m
V
ITT=-1.0A to 1.0A
Ta=-40℃ to 105℃
Termination Output Voltage
(DDR1)
VTT1
1/2×VDDQ
-30m
1/2×VDDQ
1/2×VDDQ
+30m
V
VCC = 5.3V, VDDQ = 2.5V
VTT_IN = 2.5V
ITT=-1.0A to 1.0A
Ta=-40℃ to 105℃
Termination Output Voltage
(DDR3)
VTT3
1/2×VDDQ
-15m
1/2×VDDQ
1/2×VDDQ
+15m
V
VCC = 3.3V, VDDQ =1.5V
VTT_IN =1.5V
ITT=-1.0A to 1.0A
Ta=-40℃ to 105℃
Termination Output Voltage
(DDR3L)
VTT3L
1/2×VDDQ
-13.5m
1/2×VDDQ
1/2×VDDQ
+13.5m
V
VCC=3.3V, VDDQ=1.35V,
VTT_IN=1.35V
ITT=-1.0A to 1.0A
Ta=-40℃ to 105℃
Source current
ITT+
1.0
-
-
A
Sink current
ITT-
-
-
-1.0
A
Load Regulation
⊿VTT
-
-
50
mV
ITT=-1.0A to 1.0A
Upper Side ON Resistance
HRON
-
0.35
0.65
Ω
Lower Side ON Resistance
LRON
-
0.35
0.65
Ω
[VREF]
Input Impedance
ZVDDQ
140
200
260
[PGOOD]
VTT PGOOD Low
Threshold voltage
PGDLow
-
1/2×VDDQ
-30m
-
V
VTT PGOOD High
Threshold Voltage
PGDHigh
-
1/2×VDDQ
+30m
-
V
PGOOD output ON resistor
PGDRon
-
10
20
Ω
PGOOD output leakage current
PGDleak
-
-
1
µA
PGOOD=6V
PGOOD delay time
PGDdelay
1
2
4
Ms
[UVLO]
Threshold Voltage
VUVLO
2.35
2.50
2.65
V
VCC : sweep up
Hysteresis Voltage
⊿VUVLO
120
180
240
mV
VCC : sweep down


Podobny numer części - BD35395FJ-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ-E2 ROHM-BD35390FJ-E2 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
More results

Podobny opis - BD35395FJ-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
EE-SX4088 OMRON-EE-SX4088 Datasheet
216Kb / 4P
   Incorporates an IC chip with a built-in detector element and amplifier.
logo
ATMEL Corporation
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
2Mb / 731P
   Incorporates the ARM7TDMI
logo
Murata Manufacturing Co...
LXMS31ACNA MURATA-LXMS31ACNA Datasheet
267Kb / 8P
   Murata MAGICSTRAP짰 is an innovative RFID module with a wide range of RF features. It incorporates an industry standard IC
logo
ATMEL Corporation
AT91SAM7XC512 ATMEL-AT91SAM7XC512_08 Datasheet
765Kb / 47P
   Incorporates the ARM7TDMI ARM Thumb짰 Processor
AT91SAM7A3 ATMEL-AT91SAM7A3_06 Datasheet
463Kb / 39P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7SE512 ATMEL-AT91SAM7SE512_08 Datasheet
1Mb / 47P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7X512 ATMEL-AT91SAM7X512_07 Datasheet
1Mb / 45P
   Incorporates the ARM7TDMI ARM Thumb Processor
logo
Microchip Technology
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
logo
ATMEL Corporation
AT91SAM9G10 ATMEL-AT91SAM9G10_14 Datasheet
717Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com