Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDXXFA1FP3 Arkusz danych(PDF) 4 Page - Rohm

Numer części BDXXFA1FP3
Szczegółowy opis  High accuracy output voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BDXXFA1FP3 Arkusz danych(HTML) 4 Page - Rohm

  BDXXFA1FP3 Datasheet HTML 1Page - Rohm BDXXFA1FP3 Datasheet HTML 2Page - Rohm BDXXFA1FP3 Datasheet HTML 3Page - Rohm BDXXFA1FP3 Datasheet HTML 4Page - Rohm BDXXFA1FP3 Datasheet HTML 5Page - Rohm BDXXFA1FP3 Datasheet HTML 6Page - Rohm BDXXFA1FP3 Datasheet HTML 7Page - Rohm BDXXFA1FP3 Datasheet HTML 8Page - Rohm BDXXFA1FP3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/14
BDxxFA1FP3
Datasheet
TSZ02201-0GAG0A600600-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
08.Jun.2015 Rev.003
0
1
2
3
4
5
6
0
2
4
6
8 101214 161820 2224 26
Supply Voltage: Vcc [V]
0
1
2
3
4
5
6
7
8
9
10
0
1020 30 40506070 80 90 100
Io 
50mA/
div
Vo
50mV/
div
100us/div
0
1
2
3
4
5
6
7
8
0 100 200 300 400 500 600 700 800 9001000
100us/div
Vo
2V/div
Vcc
5V/div
0
1
2
3
4
5
6
7
8
9
10
0
10 20 304050607080 90 100
1us/div
Io 
50mA/
div
Vo
50mV/
div
●Performance Curve (Reference Data)
(Unless otherwise specified, Ta=25°C, Vcc=10.4V, Vo=5.4V, Cin=Cout=1uF)
Fig 2. Vcc - Vo
Fig 3. Input sequence
(Co = 1uF)
Fig 4. Transient Response
(Io = 0A→0.1A)
(Co = 1uF)
Fig 5. Transient Response
(Io = 0.1A→0A)
(Co = 1uF)


Podobny numer części - BDXXFA1FP3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFC0WEFJ ROHM-BDXXFC0WEFJ Datasheet
539Kb / 20P
   Low saturation with PDMOS output
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
More results

Podobny opis - BDXXFA1FP3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
logo
Analog Devices
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
   Output voltage accuracy
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
   High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com