Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU18UC3WG-TL Arkusz danych(PDF) 3 Page - Rohm

Numer części BU18UC3WG-TL
Szczegółowy opis  High accuracy detection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU18UC3WG-TL Arkusz danych(HTML) 3 Page - Rohm

  BU18UC3WG-TL Datasheet HTML 1Page - Rohm BU18UC3WG-TL Datasheet HTML 2Page - Rohm BU18UC3WG-TL Datasheet HTML 3Page - Rohm BU18UC3WG-TL Datasheet HTML 4Page - Rohm BU18UC3WG-TL Datasheet HTML 5Page - Rohm BU18UC3WG-TL Datasheet HTML 6Page - Rohm BU18UC3WG-TL Datasheet HTML 7Page - Rohm BU18UC3WG-TL Datasheet HTML 8Page - Rohm BU18UC3WG-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TSZ02201-0RBR0A300110-1-2
3/23
29.Jan.2015 Rev.005
BUxxUC3WG series
Datasheet
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Lineup
●Absolute Maximum Ratings (Ta=25°C)
PARAMETER
Symbol
Limit
Unit
Power Supply Voltage
VMAX
-0.3 ~ +6.0
V
Power Dissipation
Pd
540(*1)
mW
Maximum junction temperature
TjMAX
+125
Operating Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-55 ~ +125
(*1)Pd deleted at 5.4mW/℃ at temperatures above Ta=25℃, mounted on 70×70×1.6 mm glass-epoxy PCB.
●RECOMMENDED OPERATING RANGE (not to exceed Pd)
PARAMETER
Symbol
Limit
Unit
Power Supply Voltage
VIN
1.7~5.5
V
Maximum Output Current
IMAX
300
mA
●OPERATING CONDITIONS
(*2)Make sure that the output capacitor value is not kept lower than this specified level across a variety of temperature and DC bias
characteristic.
PARAMETER
Symbol
MIN.
TYP.
MAX.
Unit
CONDITION
Input Capacitor
Cin
0.47(*2)
1.0
-
μ
F
Ceramic capacitor
recommended
Output Capacitor
Co
0.47(*2)
1.0
-
μ
F
Marking
Q0
Q2
Q8
R6
Y0
Y6
Y7
Output
Voltage
1.0V
1.1V
1.8V
2.5V
2.8V
3.2V
3.3V
Part
Number
BU10
BU11
BU18
BU25
BU28
BU32
BU33


Podobny numer części - BU18UC3WG-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU18UA3WNVX-TL ROHM-BU18UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18UB3WG-GTL ROHM-BU18UB3WG-GTL Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18UB3WG-GTR ROHM-BU18UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
More results

Podobny opis - BU18UC3WG-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
   High accuracy, high sensitivity, compact radiation detection module
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7_15 Datasheet
987Kb / 5P
   Exclusive for headlight angle detection with high accuracy and space-saving design
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
   High-accuracy measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com