Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4416 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części 2N4416
Szczegółowy opis  SILICON N-CHANNEL JFETS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4416 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  2N4416 Datasheet HTML 1Page - Central Semiconductor Corp 2N4416 Datasheet HTML 2Page - Central Semiconductor Corp 2N4416 Datasheet HTML 3Page - Central Semiconductor Corp 2N4416 Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N4416
2N4416A
SILICON
N-CHANNEL JFETS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4416 and 2N4416A
are silicon N-Channel Junction Field Effect Transistors
designed for VHF amplifier and mixer applications.
MARKING: FULL PART NUMBER
TO-72 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
2N4416
2N4416A
UNITS
Gate-Drain Voltage
VGD
30
35
V
Gate-Source Voltage
VGS
30
35
V
Drain-Source Voltage
VDS
30
35
V
Gate Current
IG
10
mA
Power Dissipation
PD
300
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N4416
2N4416A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
IGSS
VGS=20V, VDS=0
-
100
-
100
pA
IGSS
VGS=20V, VDS=0, TA=150°C
-
100
-
100
nA
IDSS
VDS=15V, VGS=0
5.0
15
5.0
15
mA
BVGSS
IG=1.0μA
30
-
35
-
V
VGS(off)
VDS=15V, ID=1.0nA
-
6.0
2.5
6.0
V
gFS
VDS=15V, VGS=0, f=1.0kHz
4,500
7,500
4,500
7,500
μS
gOS
VDS=15V, VGS=0, f=1.0kHz
-
50
-
50
μS
Crss
VDS=15V, VGS=0, f=1.0MHz
-
1.0
-
1.0
pF
Ciss
VDS=15V, VGS=0, f=1.0MHz
-
4.0
-
4.0
pF
Coss
VDS=15V, VGS=0, f=1.0MHz
-
2.0
-
2.0
pF
HIGH FREQUENCY CHARACTERISTICS:
100MHz
400MHz
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
giss
VDS=15V, VGS=0
-
100
-
1,000
μS
biss
VDS=15V, VGS=0
-
2,500
-
10,000
μS
goss
VDS=15V, VGS=0
-
75
-
100
μS
boss
VDS=15V, VGS=0
-
1,000
-
4,000
μS
gfs
VDS=15V, VGS=0
-
-
4,000
-
μS
Gps
VDS=15V, ID=5.0mA
18
-
10
-
dB
NF
VDS=15V, ID=5.0mA, RG=1.0kΩ
-
2.0
-
4.0
dB
R2 (4-June 2013)
www.centr a lsemi.com


Podobny numer części - 2N4416

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
2N4416 FAIRCHILD-2N4416 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
New Jersey Semi-Conduct...
2N4416 NJSEMI-2N4416 Datasheet
232Kb / 2P
   SILICON N-CHANNEL JUNCTION
logo
Calogic, LLC
2N4416 CALOGIC-2N4416 Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Vishay Siliconix
2N4416 VISHAY-2N4416 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
logo
Micro Electronics
2N4416 MICRO-ELECTRONICS-2N4416 Datasheet
140Kb / 1P
   N-CHANNEL FET
More results

Podobny opis - 2N4416

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N4091 CENTRAL-2N4091 Datasheet
355Kb / 3P
   SILICON N-CHANNEL JFETS
R0 23-April 2019
BSV79 CENTRAL-BSV79 Datasheet
431Kb / 4P
   N-CHANNEL SILICON JFETS
R0 12-December 2018
2N5457 CENTRAL-2N5457_15 Datasheet
327Kb / 2P
   SILICON N-CHANNEL JFETS
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com