Zakładka z wyszukiwarką danych komponentów |
|
TIP31 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp |
|
TIP31 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp |
1 / 2 page MAXIMUM RATINGS: (TC=25°C unless otherwise noted) SYMBOL TIP31 TIP31A TIP31B TIP31C UNITS Collector-Base Voltage VCBO 40 60 80 100 V Collector-Emitter Voltage VCEO 40 60 80 100 V Emitter-Base Voltage VEBO 5.0 V Continuous Collector Current IC 3.0 A Peak Collector Current ICM 5.0 A Continuous Base Current IB 1.0 A Power Dissipation PD 40 W Power Dissipation (TA=25°C) PD 2.0 W Operating and Storage Junction Temperature TJ, Tstg -65 to +150 °C Thermal Resistance ΘJA 62.5 °C/W Thermal Resistance ΘJC 3.13 °C/W ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS ICEO VCE=30V (TIP31, TIP31A) 0.3 mA ICEO VCE=60V (TIP31B, TIP31C) 0.3 mA ICES VCE=Rated VCEO 0.2 mA IEBO VEB=5.0V 1.0 mA BVCEO IC=30mA (TIP31) 40 V BVCEO IC=30mA (TIP31A) 60 V BVCEO IC=30mA (TIP31B) 80 V BVCEO IC=30mA (TIP31C) 100 V VCE(SAT) IC=3.0A, IB=375mA 1.2 V VBE(ON) VCE=4.0V, IC=3.0A 1.8 V hFE VCE=4.0V, IC=1.0A 25 hFE VCE=4.0V, IC=3.0A 10 50 hfe VCE=10V, IC=0.5A, f=1.0kHz 20 fT VCE=10V, IC=0.5A, f=1.0MHz 3.0 MHz ton IC=1.0A, IB1=IB2=0.1A, RL=30Ω 0.3 μs toff IC=1.0A, IB1=IB2=0.1A, RL=30Ω 1.0 μs TIP31 TIP31A TIP31B TIP31C SILICON NPN POWER TRANSISTORS DESCRIPTION: The CENTRAL SEMICONDUCTOR TIP31 series devices are silicon NPN epitaxial-base power transistors designed for power amplifier and high speed switching applications. MARKING: FULL PART NUMBER TO-220 CASE R0 (12-June 2014) www.centr a lsemi.com |
Podobny numer części - TIP31 |
|
Podobny opis - TIP31 |