Zakładka z wyszukiwarką danych komponentów |
|
CDBZ5T30100-HF Arkusz danych(PDF) 1 Page - Comchip Technology |
|
CDBZ5T30100-HF Arkusz danych(HTML) 1 Page - Comchip Technology |
1 / 4 page SMD Schottky Barrier Rectifiers Reverse Voltage: 100 Volts Forward Current: 30 Amp RoHS Device Page 1 REV:A Features - Low power loss, High efficiency. - High current capability, low VF. Mechanical data - Case: Packed with FRP substrate and epoxy underfilled. - Terminals: Pure Tin plated (Lead-Free), solderable per MIL-STD-750, method 2026. CDBZ5T30100-HF QW-JB051 Comchip Technology CO., LTD. V 100 VRRM °C TJ, TSTG Operating and storage temperature range Peak surge forward current (8.3ms single half sine-wave) Parameter Symbol Rating Unit 3 Repetitive peak reverse current Forward voltage (NOTE 1) Parameter Conditions Min. Typ. Max. Unit Maximum Ratings (at TA=25°C unless otherwise noted) Electrical Characteristics (at TA=25°C unless otherwise noted) A 350 IFSM A 30 IF(AV) Average forward current Repetitive peak reverse voltage °C/W Thermal resistance Junction to ambient (NOTE ) 78 -55 to +150 IRRM VF Symbol RθJA V 0.76 - Lead less chip form, no lead damage. Halogen free - Plastic package has Underwriters Laboratory Flammability Classification 94V-0 . °C/W Junction to case (NOTE ) 13 RθJC @ VR = Max. VRRM, TA= 25°C 0.80 50 uA Company reserves the right to improve product design , functions and reliability without notice. NOTES : (1) Pulse test width PW=300usec , 1% duty cycle. (2) Mounted on P.C.B. with 5.0 x 5.0mm copper pad areas. @ IF = 20 A @ IF = 30 A 0.82 0.85 Dimensions in inches and (millimeter) SMC(Z5-T) Circuit Diagram - - - - - - 0.104(2.65) 0.093(2.35) Top View Bottom View 0.319(8.10) 0.311(7.90) 0.201(5.10) 0.193(4.90) 0.240(6.10) 0.228(5.80) 0.183(4.65) 0.171(4.35) 0.144(3.65) 0.132(3.35) 0.054(1.35) 0.041(1.05) 0.054(1.35) 0.041(1.05) 0.054(1.35) 0.041(1.05) - Weight: 0.14 grams (approx). |
Podobny numer części - CDBZ5T30100-HF_15 |
|
Podobny opis - CDBZ5T30100-HF_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |