Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDBZ31045L-HF Arkusz danych(PDF) 1 Page - Comchip Technology

Numer części CDBZ31045L-HF
Szczegółowy opis  Low VF SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMCHIP [Comchip Technology]
Strona internetowa  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ31045L-HF Arkusz danych(HTML) 1 Page - Comchip Technology

  CDBZ31045L-HF_15 Datasheet HTML 1Page - Comchip Technology CDBZ31045L-HF_15 Datasheet HTML 2Page - Comchip Technology CDBZ31045L-HF_15 Datasheet HTML 3Page - Comchip Technology CDBZ31045L-HF_15 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 45 Volts
Forward Current: 10 Amp
RoHS Device
Page 1
REV:A
Features
-Low power loss, High efficiency.
-High current capability, low VF.
Mechanical data
-Case: Packed with FRP substrate and epoxy underfilled.
-Terminals: Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, method 2026.
CDBZ31045 -HF
L
QW-JL030
Comchip Technology CO., LTD.
Dimensions in inches and (millimeter)
V
45
VRRM
°C
TJ, TSTG
Operating and storage temperature range
Peak
surge
forward
current (8.3ms single half sine-wave)
Parameter
Symbol
Rating
Unit
0.12
Repetitive peak reverse current
Forward voltage (NOTE 1)
Parameter
Conditions
Min.
Typ.
Max.
Unit
@ IF = 10 A
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
A
200
IFSM
A
10
IF(AV)
Average forward current
Repetitive peak reverse voltage
°C/W
Thermal resistance
Junction to ambient (NOTE 2)
122
-55 to +150
IR
VF
Symbol
RθJA
V
0.43
-Lead less chip form, no lead damage.
Halogen free
-Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 .
°C/W
Junction to case (NOTE 2)
18
RθJC
@ VR = Max. VRRM
TJ= 25°C
TJ= 100°C
0.46
15
0.35
50
mA
Company reserves the right to improve product design , functions and reliability without notice.
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C.B. with (3.36x4.86mm & 1.39*1.4mm )copper pad areas.
Circuit Diagram
TJ= 25°C
TJ= 125°C
0.42
-
Low VF SMD Schottky Barrier Rectifiers
TO-277(Z3)
Dimensions in inches and (millimeter)
0.085(2.15)
0.073(1.85)
Top View
Bottom View
0.163(4.15)
0.152(3.85)
0.187(4.75)
0.175(4.45)
0.132(3.35)
0.120(3.05)
0.061(1.55)
0.049(1.25)
0.047(1.20)
0.035(0.90)
0.045(1.15)
0.033(0.85)
0.053(1.35)
0.041(1.05)
0.262(6.65)
0.250(6.35)
LEFT PIN
RIGHT PIN
BOTTOMSIDE
HEAT SINK


Podobny numer części - CDBZ31045L-HF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results

Podobny opis - CDBZ31045L-HF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM220L-HF COMCHIP-CDBM220L-HF Datasheet
94Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-G COMCHIP-CDBMT220L-G Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM120L-HF COMCHIP-CDBM120L-HF Datasheet
68Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM220L-G COMCHIP-CDBM220L-G Datasheet
45Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-HF COMCHIP-CDBMT220L-HF Datasheet
94Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com