Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC549_550 Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części BC549_550
Szczegółowy opis  EPITAXIAL PLANAR NPN TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC549_550 Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  BC549_550 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1999. 11. 30
1/1
SEMICONDUCTOR
TECHNICAL DATA
BC549/550
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
LOW NOISE AMPLIFIER APPLICATION.
FEATURE
For Complementary with PNP Type BC559/560.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter
Breakdown Voltage
BC549
V(BR)CEO
IC=10mA, IB=0
30
-
-
V
BC550
45
-
-
Collector-Base
Breakdown Voltage
BC549
V(BR)CBO
IC=10μ
A, IE=0
30
-
-
V
BC550
50
-
-
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10μ
A, IC=0
5.0
-
-
V
Collector Cut-off Current
ICBO
VCB=30V, IE=0
--
15
nA
DC Current Gain
hFE(Note)
IC=2mA, VCE=5V
110
-
800
Base-Emitter Voltage
VBE(ON)
IC=2mA, VCE=5V
0.55
-
0.7
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=5mA
-
-
0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=100mA, IB=5mA
-
0.9
-
V
Transition Frequency
fT
IC=10mA, VCE=5V, f=100MHz
-
300
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
-
4.5
pF
Noise Figure
BC549
NF
IC=200μ
A, VCE=5V
Rg=10k
Ω, f=1kHz
-
-
4.0
dB
BC550
-
-
10
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
BC549
VCBO
30
V
BC550
50
Collector-Emitter Voltage
BC549
VCEO
30
V
BC550
45
Emitter-Base Voltage
VEBO
5V
Collector Current
IC
100
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Note : hFE Classification
A:110
~220, B:200~450, C:420~800


Podobny numer części - BC549_550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
BC549A CDIL-BC549A Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Diotec Semiconductor
BC549A DIOTEC-BC549A Datasheet
148Kb / 2P
   General Purpose NPN Transistors
logo
Motorola, Inc
BC549B MOTOROLA-BC549B Datasheet
110Kb / 4P
   Low Noise Transistors
logo
Siemens Semiconductor G...
BC549B SIEMENS-BC549B Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Diotec Semiconductor
BC549B DIOTEC-BC549B Datasheet
148Kb / 2P
   Si-Epitaxial PlanarTransistors
More results

Podobny opis - BC549_550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com