Zakładka z wyszukiwarką danych komponentów |
|
BC807W Arkusz danych(PDF) 1 Page - KEC(Korea Electronics) |
|
BC807W Arkusz danych(HTML) 1 Page - KEC(Korea Electronics) |
1 / 2 page 2008. 9. 2 1/2 SEMICONDUCTOR TECHNICAL DATA BC807W EPITAXIAL PLANAR PNP TRANSISTOR Revision No : 0 GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION. FEATURES ・Complementary to BC817W. MAXIMUM RATING (Ta=25 ℃) DIM MILLIMETERS A B D E USM 2.00 0.20 1.25 0.15 0.90 0.10 0.3+0.10/-0.05 2.10 0.20 0.65 0.15+0.1/-0.06 1.30 0.00~0.10 0.70 C G H J K L K 1 3 2 E B D H MM N N M 0.42 0.10 N 0.10 MIN P 0.1 MAX + _ + _ + _ + _ + _ P 1. EMITTER 2. BASE 3. COLLECTOR ELECTRICAL CHARACTERISTICS (Ta=25 ℃) Note : hFE Classification 16:100 ~250 , 25:160~400 , 40:250~630 CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Collector Cut-off Current ICBO VCB=-20V, IE=0 - - -0.1 μA Emitter Cut-off Current IEBO VEB=-5V, IC=0 - - -0.1 μA DC Current Gain (Note) hFE(1) VCE=-1V, IC=-100mA 100 - 630 hFE(2) VCE=-1V, IC=-500mA 40 - - Collector-Emitter Saturation Voltage VCE(sat) IC=-500mA, IB=-50mA - - -0.7 V Base-Emitter Voltage VBE VCE=-1V, IC=-500mA - - -1.2 V Transition Frequency fT VCE=-5V, IC=-10mA, f=100MHz 80 - - MHz Collector Output Capacitance Cob VCB=-10V, IE=0, f=1MHz - 9 - pF CHARACTERISTIC SYMBOL RATING UNIT Collector-Base Voltage VCBO -50 V Collector-Emitter Voltage VCEO -45 V Emitter-Base Voltage VEBO -5 V Collector Current IC -500 mA Emitter Current IE 500 mA Collector Power Dissipation PC 100 mW Junction Temperature Tj 150 ℃ Storage Temperature Range Tstg -55 ~150 ℃ TYPE. BC807W-16 BC807W-25 BC807W-40 MARK 1M 1N 1R MARK SPEC |
Podobny numer części - BC807W |
|
Podobny opis - BC807W |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |