Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC62D722CFNG Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TC62D722CFNG
Szczegółowy opis  16-Output constant current LED driver with the output gain control function and the PWM grayscale function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D722CFNG Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TC62D722CFNG Datasheet HTML 1Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 2Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 3Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 4Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 5Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 6Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 7Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 8Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
TC62D722CFG/CFNG
2011-09-24
3
Pin Assignment (top view)
Pin Description
Pin No
Pin Name
I/O
Function
1
GND
The ground pin.
2
SIN
I
The serial data input pin.
3
SCK
I
The serial data transfer clock input pin.
4
TRANS
I
The data transfer command input pin.
5
0
OUT
O
The sink type constant current output pin.
6
1
OUT
O
The sink type constant current output pin.
7
2
OUT
O
The sink type constant current output pin.
8
3
OUT
O
The sink type constant current output pin.
9
4
OUT
O
The sink type constant current output pin.
10
5
OUT
O
The sink type constant current output pin.
11
6
OUT
O
The sink type constant current output pin.
12
7
OUT
O
The sink type constant current output pin.
13
8
OUT
O
The sink type constant current output pin.
14
9
OUT
O
The sink type constant current output pin.
15
10
OUT
O
The sink type constant current output pin.
16
11
OUT
O
The sink type constant current output pin.
17
12
OUT
O
The sink type constant current output pin.
18
13
OUT
O
The sink type constant current output pin.
19
14
OUT
O
The sink type constant current output pin.
20
15
OUT
O
The sink type constant current output pin.
21
PWMCLK
I
The reference clock input pin for PWM grayscale control.
One cycle of the input clock becomes a minimum pulse width of the PWM output.
22
SOUT
O
The serial data output pin.
23
REXT
The constant current value setting resistor connection pin.
24
VDD
The power supply input pin.
GND
SIN
SCK
0
OUT
1
OUT
2
OUT
3
OUT
4
OUT
5
OUT
6
OUT
7
OUT
VDD
REXT
SOUT
PWMCLK
15
OUT
14
OUT
13
OUT
12
OUT
11
OUT
10
OUT
9
OUT
TRANS
8
OUT


Podobny numer części - TC62D722CFNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TC62D722CFG MARKTECH-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver
TC62D722CFG MARKTECH-TC62D722CFG_15 Datasheet
771Kb / 43P
   16-Output constant current LED driver
More results

Podobny opis - TC62D722CFNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC62D723FG TOSHIBA-TC62D723FG Datasheet
715Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D723FNG TOSHIBA-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D723FNAG TOSHIBA-TC62D723FNAG Datasheet
787Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Shindengen Electric Mfg...
MTD2005 SHINDENGEN-MTD2005_17 Datasheet
246Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005F SHINDENGEN-MTD2005F_17 Datasheet
272Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2003F SHINDENGEN-MTD2003F_10 Datasheet
236Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2002F SHINDENGEN-MTD2002F Datasheet
240Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005 SHINDENGEN-MTD2005_10 Datasheet
226Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2007F SHINDENGEN-MTD2007F Datasheet
331Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2003F SHINDENGEN-MTD2003F_17 Datasheet
256Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com