Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF2903ZPBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF2903ZPBF
Szczegółowy opis  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF2903ZPBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF2903ZPBF_15 Datasheet HTML 1Page - International Rectifier IRF2903ZPBF_15 Datasheet HTML 2Page - International Rectifier IRF2903ZPBF_15 Datasheet HTML 3Page - International Rectifier IRF2903ZPBF_15 Datasheet HTML 4Page - International Rectifier IRF2903ZPBF_15 Datasheet HTML 5Page - International Rectifier IRF2903ZPBF_15 Datasheet HTML 6Page - International Rectifier IRF2903ZPBF_15 Datasheet HTML 7Page - International Rectifier IRF2903ZPBF_15 Datasheet HTML 8Page - International Rectifier IRF2903ZPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF2903ZPbF
2
www.irf.com
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.021
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.9
2.4
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
120
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
160
240
Qgs
Gate-to-Source Charge
–––
51
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
58
–––
td(on)
Turn-On Delay Time
–––
24
–––
tr
Rise Time
–––
100
–––
td(off)
Turn-Off Delay Time
–––
48
–––
ns
tf
Fall Time
–––37–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
6320
–––
Coss
Output Capacitance
–––
1980
–––
Crss
Reverse Transfer Capacitance
–––
1100
–––
pF
Coss
Output Capacitance
–––
5930
–––
Coss
Output Capacitance
–––
2010
–––
Coss eff.
Effective Output Capacitance
–––
3050
–––
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
75
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
1020
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
34
51
ns
Qrr
Reverse Recovery Charge
–––
29
44
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 10V, ID = 75A
ID = 75A
VDS = 24V
Conditions
VGS = 10V e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 20V
VGS = -20V
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 75A, VGS = 0V e
TJ = 25°C, IF = 75A, VDD = 15V
di/dt = 100A/µs
e
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 75A e
VDS = VGS, ID = 150µA
VDS = 30V, VGS = 0V
VDS = 30V, VGS = 0V, TJ = 125°C
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 24V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 24V f
VGS = 10V e
VDD = 15V
ID = 75A
RG = 3.2
 Repetitive rating; pulse width limited by max. junction
temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C, L = 0.10mH RG = 25Ω,
IAS = 75A, VGS =10V. Part not recommended for use above
this value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
„ Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
Notes:
… Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical
repetitive avalanche performance.
† This value determined from sample failure population. 100%
tested to this value in production.
‡ This is only applied to TO-220AB pakcage.
ˆ Rθ is measured at TJ approximately 90°C


Podobny numer części - IRF2903ZPBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF2903ZPBF IRF-IRF2903ZPBF Datasheet
283Kb / 10P
   AUTOMOTIVE MOSFET
More results

Podobny opis - IRF2903ZPBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com