Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6216PBF Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRF6216PBF
Szczegółowy opis  Reset Switch for Active Clamp Reset DC-DC converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6216PBF Arkusz danych(HTML) 6 Page - International Rectifier

  IRF6216PBF_15 Datasheet HTML 1Page - International Rectifier IRF6216PBF_15 Datasheet HTML 2Page - International Rectifier IRF6216PBF_15 Datasheet HTML 3Page - International Rectifier IRF6216PBF_15 Datasheet HTML 4Page - International Rectifier IRF6216PBF_15 Datasheet HTML 5Page - International Rectifier IRF6216PBF_15 Datasheet HTML 6Page - International Rectifier IRF6216PBF_15 Datasheet HTML 7Page - International Rectifier IRF6216PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF6216PbF
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0
100
200
300
400
500
Starting Tj, Junction Temperature
( C)
°
I D
TOP
BOTTOM
-1.8A
-3.2A
-4.0A
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
-VGS, Gate -to -Source Voltage (V)
0.00
0.50
1.00
1.50
ID = -2.2A
VGS = -10V
0
2
4
6
8
10
12
14
16
18
0.19
0.20
0.21
0.22
0.23
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-VGS
QG
QGS
QGD
VG
Charge
RG
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
tp
V(BR)DSS
I AS


Podobny numer części - IRF6216PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6216PBF-1 IRF-IRF6216PBF-1 Datasheet
199Kb / 8P
   Industry-standard pinout SO-8 Package
IRF6216PBF-1 IRF-IRF6216PBF-1_15 Datasheet
199Kb / 8P
   HEXFET Power MOSFET
More results

Podobny opis - IRF6216PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218PBF IRF-IRF6218PBF_15 Datasheet
142Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6217PBF IRF-IRF6217PBF_15 Datasheet
130Kb / 8P
   Reset Switch for Active Clamp Reset DC to DC converters
IRF6217 IRF-IRF6217 Datasheet
105Kb / 8P
   HEXFET Power MOSFET(Reset Switch for Active Clamp Reset DC to DC converters)
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
List of Unclassifed Man...
BH6557FV ETC-BH6557FV Datasheet
249Kb / 2P
   DC/DC ConverterReset
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com