Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6622PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF6622PBF
Szczegółowy opis  Ideal for CPU Core DC-DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6622PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF6622PBF Datasheet HTML 1Page - International Rectifier IRF6622PBF Datasheet HTML 2Page - International Rectifier IRF6622PBF Datasheet HTML 3Page - International Rectifier IRF6622PBF Datasheet HTML 4Page - International Rectifier IRF6622PBF Datasheet HTML 5Page - International Rectifier IRF6622PBF Datasheet HTML 6Page - International Rectifier IRF6622PBF Datasheet HTML 7Page - International Rectifier IRF6622PBF Datasheet HTML 8Page - International Rectifier IRF6622PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6622PbF
2
www.irf.com
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
17
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.9
6.3
m
–––
6.8
8.9
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.9
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
55
–––
–––
S
Qg
Total Gate Charge
–––
11
17
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.6
–––
nC
Qgd
Gate-to-Drain Charge
–––
3.8
–––
Qgodr
Gate Charge Overdrive
–––
3.1
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.4
–––
Qoss
Output Charge
–––
7.7
–––
nC
RG
Gate Resistance
–––
1.8
3.1
td(on)
Turn-On Delay Time
–––
9.4
–––
tr
Rise Time
–––
16
–––
ns
td(off)
Turn-Off Delay Time
–––
13
–––
tf
Fall Time
–––
4.6
–––
Ciss
Input Capacitance
–––
1450
–––
Coss
Output Capacitance
–––
380
–––
pF
Crss
Reverse Transfer Capacitance
–––
210
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.7
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
120
(Body Diode)
d
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
10
15
ns
Qrr
Reverse Recovery Charge
–––
7.1
11
nC
di/dt = 500A/µs
i See Fig. 18
TJ = 25°C, IS = 12A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 12A
i
VDS = VGS, ID = 25µA
TJ = 25°C, IF = 12A
VGS = 4.5V
ID = 12A
VGS = 0V
VDS = 13V
ID = 12A
VDD = 13V, VGS = 4.5V
i
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 15A
i
VGS = 20V
VGS = -20V
VDS = 20V, VGS = 0V
VDS = 13V
VDS = 20V, VGS = 0V, TJ = 125°C
MOSFET symbol
Clamped Inductive Load
VDS = 13V, ID = 12A
Conditions
See Fig. 16 & 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


Podobny numer części - IRF6622PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6622PBF IRF-IRF6622PBF Datasheet
242Kb / 9P
   DirectFET Power MOSFET
More results

Podobny opis - IRF6622PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6623TR1PBF IRF-IRF6623TR1PBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6617PBF IRF-IRF6617PBF_15 Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6621PBF IRF-IRF6621PBF_15 Datasheet
266Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6638PBF IRF-IRF6638PBF_15 Datasheet
285Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6609PBF IRF-IRF6609PBF_15 Datasheet
271Kb / 11P
   Ideal for CPU Core DC-DC Converters
IRF6618PBF IRF-IRF6618PBF_15 Datasheet
250Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6610PBF IRF-IRF6610PBF Datasheet
247Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com