Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MRF173CQ Arkusz danych(PDF) 4 Page - Tyco Electronics

Numer części MRF173CQ
Szczegółowy opis  N-CHANNEL BROADBAND RF POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF173CQ Arkusz danych(HTML) 4 Page - Tyco Electronics

  MRF173CQ Datasheet HTML 1Page - Tyco Electronics MRF173CQ Datasheet HTML 2Page - Tyco Electronics MRF173CQ Datasheet HTML 3Page - Tyco Electronics MRF173CQ Datasheet HTML 4Page - Tyco Electronics MRF173CQ Datasheet HTML 5Page - Tyco Electronics MRF173CQ Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 8. Output Power versus Gate Voltage
Figure 9. Drain Current versus Gate Voltage
Figure 10. Gate–Source Voltage versus
Case Temperature
Figure 11. Capacitance versus Drain Voltage
Figure 12. DC Safe Operating Area
80
70
60
50
40
30
20
10
0
-14 -12 -10 -8.0 -6.0 -4.0 -2.0
0
2.0
6.0
VGS, GATE-SOURCE VOLTAGE (VOLTS)
4.0
VGS, GATE-SOURCE VOLTAGE (VOLTS)
VDS = 10 V
VGS(th) = 3.0 V
6.0
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
6.0
175
-25
0
25
75
100
125
150
50
1.2
1.1
1.0
0.9
0.7
0.8
TC, CASE TEMPERATURE (C°)
VDS = 28 V
ID = 3.0 A
1.0 A
500 mA
50 mA
28
04
8
12
16
20
24
420
360
300
240
180
0
120
60
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
VGS = 0 V
FREQ = 1 MHz
Coss
Crss
100
1.0
2.0
4.0 6.0
10
20
40
60
10
5.0
2.0
1.0
0.5
0.1
0.2
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
TC = 25°C
f = 150 MHz
Pin = CONSTANT
VDS = 28 V
IDQ = 50 mA
VGS(th) = 3.0 V
140
120
100
80
60
40
20
0
Ciss
4
REV 0


Podobny numer części - MRF173CQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MRF173CQ MOTOROLA-MRF173CQ Datasheet
107Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFETs
logo
M/A-COM Technology Solu...
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
   The RF MOSFET Line 80W, 175MHz, 28V
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
   The RF MOSFET Line 80W, 175MHz, 28V
logo
New Jersey Semi-Conduct...
MRF173CQ NJSEMI-MRF173CQ Datasheet
103Kb / 2P
   RF Power Field Effect Transistors
logo
M/A-COM Technology Solu...
MRF173CQ MA-COM-MRF173CQ_15 Datasheet
229Kb / 9P
   The RF MOSFET Line
More results

Podobny opis - MRF173CQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com