Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6711SPBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF6711SPBF
Szczegółowy opis  RoHS Compliant and Halogen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6711SPBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF6711SPBF Datasheet HTML 1Page - International Rectifier IRF6711SPBF Datasheet HTML 2Page - International Rectifier IRF6711SPBF Datasheet HTML 3Page - International Rectifier IRF6711SPBF Datasheet HTML 4Page - International Rectifier IRF6711SPBF Datasheet HTML 5Page - International Rectifier IRF6711SPBF Datasheet HTML 6Page - International Rectifier IRF6711SPBF Datasheet HTML 7Page - International Rectifier IRF6711SPBF Datasheet HTML 8Page - International Rectifier IRF6711SPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
11/11/09
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.54mH, RG = 25Ω, IAS = 15A.
Notes:
IRF6711SPbF
IRF6711STRPbF
DirectFET
™ Power MOSFET ‚
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)
Typical values (unless otherwise specified)
PD - 96280
0
5
10
15
20
25
30
35
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
ID= 15A
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0
5
10
15
ID = 15A
TJ = 25°C
TJ = 125°C
SQ
SX
ST
MQ
MX
MT
MP
Description
The IRF6711STRPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
improved performance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET package is compatible with
existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering tech-
niques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual
sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6711STRPbF has low gate resistance and low charge along with ultra low package inductance providing significant reduction in
switching losses. The reduced losses make this product ideal for high efficiency DC-DC converters that power the latest generation of
processors operating at higher frequencies. The IRF6711STRPbF has been optimized for the control FET socket of synchronous buck
operating from 12 volt bus converters.
l RoHS Compliant and Halogen Free

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for Control FET Application

l Compatible with existing Surface Mount Techniques

l 100% Rg tested
DirectFET
™ ISOMETRIC
SQ
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
V
A
15
Max.
15
84
150
±20
25
19
62
VDSS
VGS
RDS(on)
RDS(on)
25V max ±20V max 3.0m
Ω @ 10V 5.2mΩ @ 4.5V
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
13nC
4.4nC
1.8nC
21nC
9.5nC
1.8V


Podobny numer części - IRF6711SPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
More results

Podobny opis - IRF6711SPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com