Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6723M2DTRPBF Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRF6723M2DTRPBF
Szczegółowy opis  Replaces Two Discrete MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6723M2DTRPBF Arkusz danych(HTML) 3 Page - International Rectifier

  IRF6723M2DTRPBF Datasheet HTML 1Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 2Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 3Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 4Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 5Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 6Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 7Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 8Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF6723M2DTR/TR1PbF
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient 
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple incontact with top (Drain) of part.
ˆ Used double sided cooling, mounting pad with large heatsink.
Notes:
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Š Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
board (still air).
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink. (still air)
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τi (sec)
3.1440
0.000878
23.201
0.291662
19.855
1.970485
9.7220
0.027200
τ
J
τJ
τ1
τ
1
τ
2
τ2
τ3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τ
A
τA
τ
4
τ4
R
4
R
4
Absolute Maximum Ratings (each die operating consecutively)
Parameter
Units
PD @TA = 25°C
Power Dissipation
e
W
PD @TA = 70°C
Power Dissipation
e
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance (each die operating consecutively)
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
el
–––
56
RθJA
Junction-to-Ambient
jl
12.5
–––
RθJA
Junction-to-Ambient
kl
20
–––
°C/W
RθJC
Junction-to-Case
fl
–––
5.9
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
W/°C
0.018
270
-55 to + 175
Max.
25
2.7
1.9


Podobny numer części - IRF6723M2DTRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6723M2DTRPBF IRF-IRF6723M2DTRPBF Datasheet
271Kb / 10P
   Dual Common Drain Control MOSFETs for Multiphase DC-DC Converters
More results

Podobny opis - IRF6723M2DTRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HIP6601BCB-T INTERSIL-HIP6601BCB-T Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
HIP6004ECB-T INTERSIL-HIP6004ECB-T Datasheet
507Kb / 13P
   Drives two N-Channel MOSFETs
logo
List of Unclassifed Man...
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
   TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
logo
Hamamatsu Corporation
S1880 HAMAMATSU-S1880 Datasheet
136Kb / 4P
   Two-dimensional PSD Non-discrete position sensor utilizing photodiode surface resistance
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111_15 Datasheet
223Kb / 5P
   Two discrete 1 form A Relays in compact 8 pin DIP package
logo
Aries Electronics, Inc.
18075 ARIES-18075 Datasheet
571Kb / 1P
   Replaces MAX691 with MAX807
16-304235-10 ARIES-16-304235-10 Datasheet
476Kb / 1P
   Replaces MAX691 with MAX807
logo
Sirectifier Global Corp...
SG12N06P SIRECT-SG12N06P Datasheet
202Kb / 2P
   Discrete IGBTs
SG23N06T SIRECT-SG23N06T Datasheet
112Kb / 2P
   Discrete IGBTs
SG50N06T SIRECT-SG50N06T Datasheet
112Kb / 2P
   Discrete IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com