Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7105PBF Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRF7105PBF
Szczegółowy opis  ADVANCED PROCESS TECHNOLOGY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7105PBF Arkusz danych(HTML) 6 Page - International Rectifier

Back Button IRF7105PBF_15 Datasheet HTML 2Page - International Rectifier IRF7105PBF_15 Datasheet HTML 3Page - International Rectifier IRF7105PBF_15 Datasheet HTML 4Page - International Rectifier IRF7105PBF_15 Datasheet HTML 5Page - International Rectifier IRF7105PBF_15 Datasheet HTML 6Page - International Rectifier IRF7105PBF_15 Datasheet HTML 7Page - International Rectifier IRF7105PBF_15 Datasheet HTML 8Page - International Rectifier IRF7105PBF_15 Datasheet HTML 9Page - International Rectifier IRF7105PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7105PbF
6
www.irf.com
Fig 18. Typical Source-Drain Diode
Forward Voltage
Fig 19. Maximum Safe Operating Area
Fig 22a. Gate Charge Test Circuit
Fig 20. Maximum Drain Current Vs.
Ambient Temperature
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 21b. Switching Time Waveforms
Fig 21a. Switching Time Test Circuit
QG
QGS
QGD
VG
Charge
Fig 22b. Basic Gate Charge Waveform
RG
VGS
VDS
RD
VDD
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-10V
P-Channel
VSD , Source-to-Drain Voltage ( V )
VDS , Drain-to-Source Voltage ( V )
TA , Ambient Temperature ( °C )


Podobny numer części - IRF7105PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7105PBF-1 IRF-IRF7105PBF-1 Datasheet
615Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7105PBF-1 IRF-IRF7105PBF-1_15 Datasheet
615Kb / 10P
   Industry-standard pinout SO-8 Package
More results

Podobny opis - IRF7105PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com