Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7205PBF-1 Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF7205PBF-1
Szczegółowy opis  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7205PBF-1 Arkusz danych(HTML) 1 Page - International Rectifier

  IRF7205PBF-1 Datasheet HTML 1Page - International Rectifier IRF7205PBF-1 Datasheet HTML 2Page - International Rectifier IRF7205PBF-1 Datasheet HTML 3Page - International Rectifier IRF7205PBF-1 Datasheet HTML 4Page - International Rectifier IRF7205PBF-1 Datasheet HTML 5Page - International Rectifier IRF7205PBF-1 Datasheet HTML 6Page - International Rectifier IRF7205PBF-1 Datasheet HTML 7Page - International Rectifier IRF7205PBF-1 Datasheet HTML 8Page - International Rectifier IRF7205PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
Parameter
Min.
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
50
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
-4.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
-3.7
IDM
Pulsed Drain Current 
-15
PD @TC = 25°C
Power Dissipation
2.5
Linear Derating Factor
0.020
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
-3.0
V/nS
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
Absolute Maximum Ratings
A
Thermal Resistance Ratings
W
°C
IRF7205PbF-1
SO-8
Features
Benefits
Industry-standard pinout SO-8 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
Form
Quantity
Tube/Bulk
95
IRF7205PbF-1
Tape and Reel
4000
IRF7205TRPbF-1
Package Type
Standard Pack
Orderable Part Number
IRF7205PbF-1
SO-8
Base Part Number
VDS
-30
V
RDS(on) max
(@VGS = -10V)
0.07
Ω
RDS(on) max
(@VGS = -4.5V)
0.13
Ω
Qg (typical)
27
nC
ID
(@TA = 25°C)
-4.6
A


Podobny numer części - IRF7205PBF-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7205PBF IRF-IRF7205PBF Datasheet
277Kb / 9P
   HEXFET Power MOSFET
IRF7205PBF IRF-IRF7205PBF Datasheet
278Kb / 9P
   Adavanced Process Technology
IRF7205PBF IRF-IRF7205PBF Datasheet
278Kb / 9P
   ULTRA LOW ON RESISTANCE
IRF7205PBF IRF-IRF7205PBF_15 Datasheet
278Kb / 9P
   ULTRA LOW ON RESISTANCE
More results

Podobny opis - IRF7205PBF-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com