Zakładka z wyszukiwarką danych komponentów |
|
TIP35C Arkusz danych(PDF) 1 Page - KEC(Korea Electronics) |
|
TIP35C Arkusz danych(HTML) 1 Page - KEC(Korea Electronics) |
1 / 2 page 2001. 1. 18 1/2 SEMICONDUCTOR TECHNICAL DATA TIP35C TRIPLE DIFFUSED NPN TRANSISTOR Revision No : 3 HIGH POWER AMPLIFIER APPLICATION. FEATURES Recommended for 75W Audio Frequency Amplifier Output Stage. Complementary to TIP36C. Icmax:25A. MAXIMUM RATING (Ta=25 ) 1. BASE 2. COLLECTOR 3. EMITTER TO-3P(N) K A D B d P PT M Q 12 3 A 15.9 MAX MILLIMETERS DIM B 4.8 MAX C 20.0 0.3 D 2.0 0.3 d 1.0+0.3/-0.25 E2.0 F 1.0 G 3.3 MAX H9.0 I4.5 J 2.0 K 1.8 MAX L 20.5 0.5 P 5.45 0.2 Q Φ3.2 0.2 T 0.6+0.3/-0.1 2.8 M + _ + _ + _ + _ + _ ELECTRICAL CHARACTERISTICS (Ta=25 ) CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Collector Cut-off Current ICBO VCB=100V, IE=0 - - 10 A Emitter Cut-off Current IEBO VEB=5V, IC=0 - - 10 A Collector-emitter Breakdown Voltage V(BR)CEO IC=50mA, IB=0 100 - - V DC Current Gain hFE(1) (Note) VCE=5V, IC=1.5A 55 - 160 hFE(2) VCE=4V, IC=15A 15 - - Collector-Emitter Saturation Voltage VCE(sat)(1) IC=15A, IB=1.5A - - 1.8 V VCE(sat)(2) IC=25A, IB=5.0A - - 4.0 Base-Emitter Voltage VBE VCE=5V, IC=5A - - 1.5 V Transition Frequency fT VCE=5V, IC=1A 3.0 - - MHz CHARACTERISTIC SYMBOL RATING UNIT Collector-Base Voltage VCBO 100 V Collector-Emitter Voltage VCEO 100 V Emitter-Base Voltage VEBO 5 V Collector Current IC 25 A Base Current IB 5.0 A Collector Power Dissipation (Tc=25 ) PC 125 W Junction Temperature Tj 150 Storage Temperature Range Tstg -55 150 Note : hFE(1) Classification R:55~110, O:80~160 |
Podobny numer części - TIP35C_15 |
|
Podobny opis - TIP35C_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |