Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7329PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF7329PBF
Szczegółowy opis  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7329PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF7329PBF_15 Datasheet HTML 1Page - International Rectifier IRF7329PBF_15 Datasheet HTML 2Page - International Rectifier IRF7329PBF_15 Datasheet HTML 3Page - International Rectifier IRF7329PBF_15 Datasheet HTML 4Page - International Rectifier IRF7329PBF_15 Datasheet HTML 5Page - International Rectifier IRF7329PBF_15 Datasheet HTML 6Page - International Rectifier IRF7329PBF_15 Datasheet HTML 7Page - International Rectifier IRF7329PBF_15 Datasheet HTML 8Page - International Rectifier IRF7329PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7329PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
––– -1.2
V
TJ = 25°C, IS = -2.0A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
50
75
ns
TJ = 25°C, IF = -2.0A
Qrr
Reverse Recovery Charge
–––
48
72
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
––– –––
––– –––
-37
-2.0
A
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.007 –––
V/°C Reference to 25°C, ID = -1mA
–––
–––
17
VGS = -4.5V, ID = -9.2A
‚
––– –––
21
VGS = -2.5V, ID = -7.4A
‚
––– –––
30
VGS = -1.8V, ID = -4.6A
‚
VGS(th)
Gate Threshold Voltage
-0.40 ––– -0.90
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
25
––– –––
S
VDS = -10V, ID = -9.2A
–––
––– -1.0
VDS = -9.6V, VGS = 0V
–––
–––
-25
VDS = -9.6V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
––– -100
VGS = -8.0V
Gate-to-Source Reverse Leakage
–––
––– 100
VGS = 8.0V
Qg
Total Gate Charge
–––
38
57
ID = -9.2A
Qgs
Gate-to-Source Charge
–––
6.8
10
nC
VDS = -6.0V
Qgd
Gate-to-Drain ("Miller") Charge
–––
8.1
12
VGS = -4.5V
td(on)
Turn-On Delay Time
–––
10
–––
VDD = -6.0V
tr
Rise Time
–––
8.6
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
340 –––
RD = 6.0Ω
tf
Fall Time
–––
260 –––
VGS = -4.5V
‚
Ciss
Input Capacitance
––– 3450 –––
VGS = 0V
Coss
Output Capacitance
––– 1000 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
–––
640 –––
ƒ = 1.0MHz
IGSS
µA
m
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
ƒ When mounted on 1 inch square copper board.


Podobny numer części - IRF7329PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7329PBF IRF-IRF7329PBF Datasheet
173Kb / 9P
   HEXFET Power MOSFET
IRF7329PBF IRF-IRF7329PBF Datasheet
179Kb / 9P
   Trench Technology
More results

Podobny opis - IRF7329PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com