Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7342PBF-1 Arkusz danych(PDF) 7 Page - International Rectifier

Numer części IRF7342PBF-1
Szczegółowy opis  Industry-standard pinout SO-8 Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7342PBF-1 Arkusz danych(HTML) 7 Page - International Rectifier

  IRF7342PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF7342PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7342PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7342PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7342PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7342PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7342PBF-1_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 16, 2014
IRF7342TRPbF-1
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel (Dimensions are shown in milimeters (inches))
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability
†† Applicable version of JEDEC standard at the time of product release
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
MS L1
(per JEDEC J-S TD-020D
†† )
RoHS compliant
Yes
Qualification information
Qualification level
Industrial
(per JEDEC JES D47F
†† guidelines)
Moisture Sensitivity Level
SO-8
Date
Comments
• Corrected part number from" IRF7342PbF-1" to "IRF7342TRPbF-1" -all pages
• Removed the "IRF7342PbF-1" bulk part number from ordering information on page1
Revision History
10/16/2014


Podobny numer części - IRF7342PBF-1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7342PBF IRF-IRF7342PBF Datasheet
159Kb / 7P
   HEXFET짰 Power MOSFET (VDSS = -55V , RDS(on) = 0.105廓)
IRF7342PBF IRF-IRF7342PBF Datasheet
164Kb / 7P
   Generation V Technology
IRF7342PBF IRF-IRF7342PBF Datasheet
164Kb / 7P
   Generation V Technology
logo
Infineon Technologies A...
IRF7342PBF INFINEON-IRF7342PBF Datasheet
337Kb / 8P
   Dual P Channel MOSFET
2016-5-26
logo
International Rectifier
IRF7342PBF IRF-IRF7342PBF_15 Datasheet
164Kb / 7P
   Generation V Technology
More results

Podobny opis - IRF7342PBF-1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com