Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7342PBF Arkusz danych(PDF) 5 Page - International Rectifier

Numer części IRF7342PBF
Szczegółowy opis  Generation V Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7342PBF Arkusz danych(HTML) 5 Page - International Rectifier

  IRF7342PBF Datasheet HTML 1Page - International Rectifier IRF7342PBF Datasheet HTML 2Page - International Rectifier IRF7342PBF Datasheet HTML 3Page - International Rectifier IRF7342PBF Datasheet HTML 4Page - International Rectifier IRF7342PBF Datasheet HTML 5Page - International Rectifier IRF7342PBF Datasheet HTML 6Page - International Rectifier IRF7342PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRF7342PbF
www.irf.com
5
0
10
20
30
40
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
I =
D -3.1A
V
=-12V
DS
V
=-30V
DS
V
=-48V
DS
Fig 10. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 9. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
-
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
1
10
100
0
240
480
720
960
1200
-V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss


Podobny numer części - IRF7342PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7342PBF IRF-IRF7342PBF Datasheet
159Kb / 7P
   HEXFET짰 Power MOSFET (VDSS = -55V , RDS(on) = 0.105廓)
IRF7342PBF IRF-IRF7342PBF Datasheet
164Kb / 7P
   Generation V Technology
logo
Infineon Technologies A...
IRF7342PBF INFINEON-IRF7342PBF Datasheet
337Kb / 8P
   Dual P Channel MOSFET
2016-5-26
logo
International Rectifier
IRF7342PBF-1 IRF-IRF7342PBF-1 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
More results

Podobny opis - IRF7342PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com