Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7420PBF-1 Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRF7420PBF-1
Szczegółowy opis  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7420PBF-1 Arkusz danych(HTML) 4 Page - International Rectifier

  IRF7420PBF-1 Datasheet HTML 1Page - International Rectifier IRF7420PBF-1 Datasheet HTML 2Page - International Rectifier IRF7420PBF-1 Datasheet HTML 3Page - International Rectifier IRF7420PBF-1 Datasheet HTML 4Page - International Rectifier IRF7420PBF-1 Datasheet HTML 5Page - International Rectifier IRF7420PBF-1 Datasheet HTML 6Page - International Rectifier IRF7420PBF-1 Datasheet HTML 7Page - International Rectifier IRF7420PBF-1 Datasheet HTML 8Page - International Rectifier IRF7420PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
IRF7420PbF-1
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
10
20
30
40
50
0
1
2
3
4
5
6
Q , Total Gate Charge (nC)
G
I =
D -11.5A
V
=-6V
DS
V
=-9.6V
DS
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
1
10
100
1000
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms
1
10
100
-VDS, Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
Coss
Crss
Ciss
VGS = 0V, f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd


Podobny numer części - IRF7420PBF-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7420PBF IRF-IRF7420PBF Datasheet
173Kb / 9P
   HEXFET Power MOSFET
IRF7420PBF IRF-IRF7420PBF Datasheet
159Kb / 9P
   Ultra Low On-Resistance
IRF7420PBF IRF-IRF7420PBF_15 Datasheet
159Kb / 9P
   Ultra Low On-Resistance
More results

Podobny opis - IRF7420PBF-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com