Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4489 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części 2SC4489
Szczegółowy opis  Bipolar Transistor High breakdown voltage, large current capacity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4489 Arkusz danych(HTML) 6 Page - ON Semiconductor

  2SC4489 Datasheet HTML 1Page - ON Semiconductor 2SC4489 Datasheet HTML 2Page - ON Semiconductor 2SC4489 Datasheet HTML 3Page - ON Semiconductor 2SC4489 Datasheet HTML 4Page - ON Semiconductor 2SC4489 Datasheet HTML 5Page - ON Semiconductor 2SC4489 Datasheet HTML 6Page - ON Semiconductor 2SC4489 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SA1709 / 2SC4489
No.3096-6/7
Outline Drawing
2SA1709S-AN, 2SA1709T-AN, 2SC4489S-AN, 2SC4489T-AN
Mass (g) Unit
0.275
* For reference mm


Podobny numer części - 2SC4489

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SC4489 SANYO-2SC4489 Datasheet
123Kb / 4P
   High-Voltage Switching Applications
2SC4489 SANYO-2SC4489 Datasheet
534Kb / 7P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC4489S-AN ONSEMI-2SC4489S-AN Datasheet
623Kb / 7P
   Bipolar Transistor
September, 2013
2SC4489T-AN ONSEMI-2SC4489T-AN Datasheet
623Kb / 7P
   Bipolar Transistor
September, 2013
More results

Podobny opis - 2SC4489

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
ON Semiconductor
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
   Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
   2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
   4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
   9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com