Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1593S-TL-E Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części 2SA1593S-TL-E
Szczegółowy opis  Bipolar Transistor Adoption of FBET, MBIT processes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1593S-TL-E Arkusz danych(HTML) 1 Page - ON Semiconductor

  2SA1593S-TL-E Datasheet HTML 1Page - ON Semiconductor 2SA1593S-TL-E Datasheet HTML 2Page - ON Semiconductor 2SA1593S-TL-E Datasheet HTML 3Page - ON Semiconductor 2SA1593S-TL-E Datasheet HTML 4Page - ON Semiconductor 2SA1593S-TL-E Datasheet HTML 5Page - ON Semiconductor 2SA1593S-TL-E Datasheet HTML 6Page - ON Semiconductor 2SA1593S-TL-E Datasheet HTML 7Page - ON Semiconductor 2SA1593S-TL-E Datasheet HTML 8Page - ON Semiconductor 2SA1593S-TL-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
80812 TKIM/N1003TN (KT)/8219MO/4097TA, TS No.2511-1/9
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SA1593/2SC4135
Bipolar Transistor
(-)100V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Applications
Power supplies, relay derivers, lamp drivers
Features
Adoption of FBET, MBIT processes
High breakdown voltage and large current capacity
Fast switching speed
Small and slim package permitting 2SA1593/2SC4135-applied sets to be made more compact
Specifications ( ): 2SA1593
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)120
V
Collector-to-Emitter Voltage
VCEO
(--)100
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)2
A
Collector Current (Pulse)
ICP
(--)3
A
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : EN2511B
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3 2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3 2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP-FA
2SA1593S-E
2SA1593T-E
2SC4135S-E
2SC4135T-E
2SA1593S-TL-E
2SA1593T-TL-E
2SC4135S-TL-E
2SC4135T-TL-E
A1593
C4135
LOT No.
LOT No.
RANK
RANK
2,4
3
1
2SC4135
2,4
3
1
2SA1593


Podobny numer części - 2SA1593S-TL-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SA1593S-TL-E ONSEMI-2SA1593S-TL-E Datasheet
385Kb / 9P
   Bipolar Transistor
September, 2013
More results

Podobny opis - 2SA1593S-TL-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SA1708 ONSEMI-2SA1708 Datasheet
632Kb / 8P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1706 ONSEMI-2SA1706 Datasheet
577Kb / 6P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1705 ONSEMI-2SA1705 Datasheet
580Kb / 6P
   Bipolar Transistor Adoption of FBET process
September, 2013
logo
SHIKUES Electronics
2SC4548 SKTECHNOLGY-2SC4548 Datasheet
1Mb / 2P
   High Breakdown Voltage Adoption of MBIT Process
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
logo
Panasonic Semiconductor
ELC-08D100E PANASONIC-ELC-08D100E Datasheet
551Kb / 8P
   Adoption of High -m and High Bm ferrite cores
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com