Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7807PBF-1 Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRF7807PBF-1
Szczegółowy opis  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7807PBF-1 Arkusz danych(HTML) 3 Page - International Rectifier

  IRF7807PBF-1 Datasheet HTML 1Page - International Rectifier IRF7807PBF-1 Datasheet HTML 2Page - International Rectifier IRF7807PBF-1 Datasheet HTML 3Page - International Rectifier IRF7807PBF-1 Datasheet HTML 4Page - International Rectifier IRF7807PBF-1 Datasheet HTML 5Page - International Rectifier IRF7807PBF-1 Datasheet HTML 6Page - International Rectifier IRF7807PBF-1 Datasheet HTML 7Page - International Rectifier IRF7807PBF-1 Datasheet HTML 8Page - International Rectifier IRF7807PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 16, 2014
IRF7807/ATRPbF-1
Control FET
Special attention has been given to the power losses
in the switching elements of the circuit - Q1 and Q2.
Power losses in the high side switch Q1, also called the
Control FET, are impacted by the R
ds(on) of the MOSFET,
but these conduction losses are only about one half of
the total losses.
Power losses in the control switch Q1 are given by;
P
loss = Pconduction+ Pswitching+ Pdrive+ Poutput
This can be expanded and approximated by;
P
loss = Irms
2 × R
ds(on )
(
)
+ I ×
Q
gd
i
g
× V
in × f
⎟ + I ×
Q
gs2
i
g
× V
in × f
+ Q
g × Vg × f
()
+
Q
oss
2
×V
in × f
This simplified loss equation includes the terms Q
gs2
and Q
oss which are new to Power MOSFET data sheets.
Q
gs2 is a sub element of traditional gate-source charge
that is included in all MOSFET data sheets. The impor-
tance of splitting this gate-source charge into two sub
elements, Q
gs1 and Qgs2, can be seen from Fig 1.
Q
gs2 indicates the charge that must be supplied by
the gate driver between the time that the threshold volt-
age has been reached (t1) and the time the drain cur-
rent rises to I
dmax (t2) at which time the drain voltage
begins to change. Minimizing Q
gs2 is a critical factor in
reducing switching losses in Q1.
Q
oss is the charge that must be supplied to the output
capacitance of the MOSFET during every switching
cycle. Figure 2 shows how Q
oss is formed by the paral-
lel combination of the voltage dependant (non-linear)
capacitance’s C
ds and Cdg when multiplied by the power
supply input buss voltage.
Figure 1: Typical MOSFET switching waveform
Synchronous FET
The power loss equation for Q2 is approximated
by;
P
loss = Pconduction + Pdrive + Poutput
*
P
loss = Irms
2 × R
ds(on)
()
+ Q
g × Vg × f
()
+
Q
oss
2
×V
in × f
+ Q
rr × Vin × f
(
)
*dissipated primarily in Q1.
Power MOSFET Selection for DC/DC
Converters
4
1
2
Drain Current
Gate Voltage
Drain Voltage
t3
t2
t1
VGTH
t0


Podobny numer części - IRF7807PBF-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7807PBF IRF-IRF7807PBF Datasheet
203Kb / 8P
   HEXFET짰 Chip-Set for DC-DC Converters
IRF7807PBF IRF-IRF7807PBF Datasheet
208Kb / 8P
   N Channel Application Specific MOSFETs
IRF7807PBF IRF-IRF7807PBF_15 Datasheet
208Kb / 8P
   N Channel Application Specific MOSFETs
More results

Podobny opis - IRF7807PBF-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com