Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7820PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF7820PBF
Szczegółowy opis  Synchronous MOSFET for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7820PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF7820PBF_15 Datasheet HTML 1Page - International Rectifier IRF7820PBF_15 Datasheet HTML 2Page - International Rectifier IRF7820PBF_15 Datasheet HTML 3Page - International Rectifier IRF7820PBF_15 Datasheet HTML 4Page - International Rectifier IRF7820PBF_15 Datasheet HTML 5Page - International Rectifier IRF7820PBF_15 Datasheet HTML 6Page - International Rectifier IRF7820PBF_15 Datasheet HTML 7Page - International Rectifier IRF7820PBF_15 Datasheet HTML 8Page - International Rectifier IRF7820PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
07/24/2012
www.irf.com
1
IRF7820PbF
HEXFET® Power MOSFET
Notes
 through … are on page 9
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
Benefits
l Very Low RDS(on) at 10V VGS
l Low Gate Charge
l Fully Characterized Avalanche Voltage
and Current
l 20V VGS Max. Gate Rating
Applications
l Synchronous MOSFET for Notebook
Processor Power
l Synchronous Rectifier MOSFET for
Isolated DC-DC Converters in
Networking Systems
VDSS
RDS(on) max
Qg (typ.)
200V 78m
@VGS = 10V
29nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
W
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RJL
Junction-to-Drain Lead
g
–––
20
RJA
Junction-to-Ambient
f
–––
50
Max.
3.7
2.9
29
± 20
200
°C/W
A
°C
V
-55 to + 150
2.5
0.02
1.6


Podobny numer części - IRF7820PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results

Podobny opis - IRF7820PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com