Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7854PBF Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRF7854PBF
Szczegółowy opis  Secondary Side Synchronous Rectification Switch for 12Vout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7854PBF Arkusz danych(HTML) 6 Page - International Rectifier

  IRF7854PBF Datasheet HTML 1Page - International Rectifier IRF7854PBF Datasheet HTML 2Page - International Rectifier IRF7854PBF Datasheet HTML 3Page - International Rectifier IRF7854PBF Datasheet HTML 4Page - International Rectifier IRF7854PBF Datasheet HTML 5Page - International Rectifier IRF7854PBF Datasheet HTML 6Page - International Rectifier IRF7854PBF Datasheet HTML 7Page - International Rectifier IRF7854PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7854PbF
6
www.irf.com
Fig 13. On-Resistance vs. Gate Voltage
Fig 12. On-Resistance vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
vs. Drain Current
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
1K
VCC
DUT
0
L
VGS
QG
QGS
QGD
VG
Charge
0
10
20
30
40
50
60
70
80
90
ID, Drain Current (A)
5
10
15
20
25
TJ = 25°C
TJ = 125°C
Vgs = 10V
4
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
10
15
20
25
30
35
40
ID = 6.0A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
350
400
450
ID
TOP
0.61A
0.75A
BOTTOM 6.0A


Podobny numer części - IRF7854PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7854PBF IRF-IRF7854PBF Datasheet
226Kb / 8P
   HEXFET Power MOSFET
IRF7854PBF IRF-IRF7854PBF Datasheet
231Kb / 8P
   Primary Side Switch in Bridge or two switch forward topologies using 48V ETSI range inputs
More results

Podobny opis - IRF7854PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7853PBF IRF-IRF7853PBF_15 Datasheet
214Kb / 8P
   Secondary Side Synchronous Rectification Switch for 15Vout
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com