Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF8304MPBF Arkusz danych(PDF) 9 Page - International Rectifier

Numer części IRF8304MPBF
Szczegółowy opis  Ultra Low Package Inductance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF8304MPBF Arkusz danych(HTML) 9 Page - International Rectifier

  IRF8304MPBF_15 Datasheet HTML 1Page - International Rectifier IRF8304MPBF_15 Datasheet HTML 2Page - International Rectifier IRF8304MPBF_15 Datasheet HTML 3Page - International Rectifier IRF8304MPBF_15 Datasheet HTML 4Page - International Rectifier IRF8304MPBF_15 Datasheet HTML 5Page - International Rectifier IRF8304MPBF_15 Datasheet HTML 6Page - International Rectifier IRF8304MPBF_15 Datasheet HTML 7Page - International Rectifier IRF8304MPBF_15 Datasheet HTML 8Page - International Rectifier IRF8304MPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF8304MPbF
www.irf.com © 2014 International Rectifier Submit Datasheet Feedback
February 17, 2014
9
DirectFET® Tape & Reel Dimension (Showing component orientation).
LOADED TAPE FEED DIRECTION
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
IMPERIAL
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
METRIC
DIMENSIONS
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Date
Comments
2/17/2014 •
Added the orgering information table, on page 1.
• Updated data sheet with new IR corporate template.
Revision History
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF8304MTRPBF). For 1000 parts on 7"
reel, order IRF8304MTR1PBF
CODE
MIN
MAX
MIN
MAX
A
330
N.C
12.992
N.C
B
20.2
N.C
0.795
N.C
C
12.8
13.2
0.504
0.520
D
1.5
N.C
0.059
N.C
E
100.0
N.C
3.937
N.C
F
N.C
18.4
N.C
0.724
G
12.4
14.4
0.488
0.567
H
11.9
15.4
0.469
0.606
METRIC
IMPERIAL
STANDARD OPTION (QTY 4800)
REEL DIMENSIONS


Podobny numer części - IRF8304MPBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF8304MPBF IRF-IRF8304MPBF Datasheet
279Kb / 9P
   RoHS Compliant and Halogen Free
More results

Podobny opis - IRF8304MPBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
   Ultra Low Package Inductance
logo
TDK Electronics
CLLE1AX7S0G225M-0.95 TDK-CLLE1AX7S0G225M-0.95 Datasheet
936Kb / 13P
   Ultra Low Inductance Capacitors
logo
International Rectifier
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
   Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
Cree, Inc
CAS325M12HM2 CREE-CAS325M12HM2 Datasheet
1Mb / 7P
   Ultra Low Loss, Low (5 nH) Inductance
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Vincotech
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
   Ultra Low Inductance with Integrated DC-capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com