Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9310PBF-1 Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRF9310PBF-1
Szczegółowy opis  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF9310PBF-1 Arkusz danych(HTML) 4 Page - International Rectifier

  IRF9310PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
IRF9310PbF-1
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
-VSD, Source-to-Drain Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 150°C
VGS = 0V
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + TA
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
ID = -100μA
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
5
10
15
20
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
TA = 25°C
Tj = 150°C
Single Pulse
100μsec
1msec
10msec


Podobny numer części - IRF9310PBF-1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9310PBF IRF-IRF9310PBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
IRF9310PBF IRF-IRF9310PBF Datasheet
283Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Appilcation
IRF9310PBF IRF-IRF9310PBF Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
More results

Podobny opis - IRF9310PBF-1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com