Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9335PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF9335PBF
Szczegółowy opis  Industry-Standard SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF9335PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF9335PBF Datasheet HTML 1Page - International Rectifier IRF9335PBF Datasheet HTML 2Page - International Rectifier IRF9335PBF Datasheet HTML 3Page - International Rectifier IRF9335PBF Datasheet HTML 4Page - International Rectifier IRF9335PBF Datasheet HTML 5Page - International Rectifier IRF9335PBF Datasheet HTML 6Page - International Rectifier IRF9335PBF Datasheet HTML 7Page - International Rectifier IRF9335PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
06/17/10
IRF9335PbF
HEXFET® Power MOSFET
Notes
 through † are on page 2
Applications
Charge and Discharge Switch for Notebook PC Battery Application
System/Load Switch
SO-8
27
18
3
4
6
5
G
S
S
S
D
D
D
D
Features and Benefits
Features
Resulting Benefits
Industry-Standard SO-8 Package
Multi-Vendor Compatibility
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
results in
VDS
-30
V
RDS(on) max
(@VGS = -10V)
59
m
RDS(on) max
(@VGS = -4.5V)
110
m
Qg (typical)
9.1
nC
ID
(@TA = 25°C)
-5.4
A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
A
W
°C
Max.
-5.4
-4.3
-43
±20
-30
-55 to + 150
2.5
0.02
1.6
Note
Form
Quantity
IRF9335PbF
SO8
Tube/Bulk
95
IRF9335TRPbF
SO8
Tape and Reel
4000
Orderable part number
Package Type
Standard Pack
PD - 96311A


Podobny numer części - IRF9335PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9335PBF IRF-IRF9335PBF Datasheet
274Kb / 8P
   HEXFET Power MOSFET
More results

Podobny opis - IRF9335PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL6372PBF IRF-IRL6372PBF_15 Datasheet
278Kb / 8P
   Industry-Standard SO-8 Package
IRF9362PBF IRF-IRF9362PBF_15 Datasheet
292Kb / 8P
   Industry-Standard SO-8 Package
IRF9332PBF IRF-IRF9332PBF_15 Datasheet
289Kb / 8P
   Industry-Standard SO-8 Package
IRF9358PBF IRF-IRF9358PBF_15 Datasheet
280Kb / 8P
   Industry-Standard SO-8 Package
IRF9321PBF IRF-IRF9321PBF_15 Datasheet
275Kb / 8P
   Industry-Standard SO-8 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com