Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9392PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF9392PBF
Szczegółowy opis  Industry-Standard SO8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF9392PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF9392PBF Datasheet HTML 1Page - International Rectifier IRF9392PBF Datasheet HTML 2Page - International Rectifier IRF9392PBF Datasheet HTML 3Page - International Rectifier IRF9392PBF Datasheet HTML 4Page - International Rectifier IRF9392PBF Datasheet HTML 5Page - International Rectifier IRF9392PBF Datasheet HTML 6Page - International Rectifier IRF9392PBF Datasheet HTML 7Page - International Rectifier IRF9392PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
09/30/2010
IRF9392PbF
HEXFET® Power MOSFET
Notes
 through † are on page 2
Applications
Adaptor Input Switch for Notebook PC
SO-8






*
6
6
6
'
'
'
'
Features and Benefits
PD - 97571
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
A
W
°C
Max.
-9.8
-7.8
-80
±25
-30
-55 to + 150
2.5
0.02
1.6
Note
Form
Quantity
IRF9392PbF
SO8
Tube/Bulk
95
IRF9392TRPbF
SO8
Tape and Reel
4000
Orderable part number
Package Type
Standard Pack
VDS
-30
V
VGS max
±25
V
RDS(on) max
(@VGS = -10V)
17.5
m
ID
(@TA = 25°C)
-9.8
A
Features
Resulting Benefits
25V VGS max
Direct Drive at High VGS
Industry-Standard SO8 Package
Multi-Vendor Compatibility
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier


Podobny numer części - IRF9392PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9392PBF IRF-IRF9392PBF Datasheet
288Kb / 8P
   Adaptor input Switch for notebook PC
More results

Podobny opis - IRF9392PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9388PBF IRF-IRF9388PBF_15 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
IRF9333PBF IRF-IRF9333PBF_15 Datasheet
318Kb / 8P
   Industry-Standard SO8 Package
IRF9393PBF IRF-IRF9393PBF_15 Datasheet
262Kb / 8P
   Industry-Standard SO8 Package
IRF9317PBF IRF-IRF9317PBF_15 Datasheet
225Kb / 8P
   Industry-Standard SO8 Package
logo
Infineon Technologies A...
IRF9388 INFINEON-IRF9388 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
6/4/10
logo
International Rectifier
IRF9328PBF IRF-IRF9328PBF_15 Datasheet
320Kb / 8P
   Industry-Standard SO8 Package
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com