Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFB7746PBF Arkusz danych(PDF) 5 Page - International Rectifier

Numer części IRFB7746PBF
Szczegółowy opis  Brushed motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFB7746PBF Arkusz danych(HTML) 5 Page - International Rectifier

  IRFB7746PBF_15 Datasheet HTML 1Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 2Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 3Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 4Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 5Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 6Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 7Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 8Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
 
IRFB7746PbF
5
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 7, 2014
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC
Fig 10. Maximum Safe Operating Area
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
75
80
85
90
95
Id = 1.0mA
Fig 11. Drain-to-Source Breakdown Voltage
0
20 40 60 80 100 120 140 160 180 200
ID, Drain Current (A)
0
10
20
30
40
50
60
Vgs = 5.5V
Vgs = 6.0V
Vgs = 7.0V
Vgs = 8.0V
Vgs = 10V
Fig 13. Typical On-Resistance vs. Drain Current
0.2
0.6
1.0
1.4
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
Fig 9. Typical Source-Drain Diode Forward Voltage
-10
0
10
20
30
40
50
60
70
80
VDS, Drain-to-Source Voltage (V)
0.0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
0.6
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Fig 12. Typical Coss Stored Energy


Podobny numer części - IRFB7746PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRFB7746 ISC-IRFB7746 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Podobny opis - IRFB7746PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com