Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP69 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części BCP69
Szczegółowy opis  20 V, 2 A PNP medium power transistors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP69 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  BCP69_15 Datasheet HTML 1Page - NXP Semiconductors BCP69_15 Datasheet HTML 2Page - NXP Semiconductors BCP69_15 Datasheet HTML 3Page - NXP Semiconductors BCP69_15 Datasheet HTML 4Page - NXP Semiconductors BCP69_15 Datasheet HTML 5Page - NXP Semiconductors BCP69_15 Datasheet HTML 6Page - NXP Semiconductors BCP69_15 Datasheet HTML 7Page - NXP Semiconductors BCP69_15 Datasheet HTML 8Page - NXP Semiconductors BCP69_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
Product profile
1.1 General description
PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
[1]
Valid for all available selection groups.
1.2 Features and benefits
High current
Three current gain selections
High power dissipation capability
Exposed heatsink for excellent thermal and electrical conductivity (SOT89, SOT1061)
Leadless very small SMD plastic package with medium power capability (SOT1061)
AEC-Q101 qualified
1.3 Applications
1.4 Quick reference data
BCP69; BC869; BC69PA
20 V, 2 A PNP medium power transistors
Rev. 7 — 12 October 2011
Product data sheet
Table 1.
Product overview
Type number[1]
Package
NPN complement
NXP
JEITA
JEDEC
BCP69
SOT223
SC-73
-
BCP68
BC869
SOT89
SC-62
TO-243
BC868
BC69PA
SOT1061
-
-
BC68PA
Linear voltage regulators
Power management
High-side switches
MOSFET drivers
Battery-driven devices
Amplifiers
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
20
V
IC
collector current
-
-
2A
ICM
peak collector current
single pulse; tp  1ms
-
-
3A


Podobny numer części - BCP69_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
BCP69 KEXIN-BCP69_15 Datasheet
833Kb / 2P
   PNP Transistors
logo
SeCoS Halbleitertechnol...
BCP69 SECOS-BCP69_15 Datasheet
806Kb / 2P
   PNP Transistor
logo
Unisonic Technologies
BCP69 UTC-BCP69_15 Datasheet
152Kb / 3P
   PNP MEDIUM POWER TRANSISTOR
More results

Podobny opis - BCP69_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC69PA NXP-BC69PA Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
logo
Nexperia B.V. All right...
BC69PAS NEXPERIA-BC69PAS Datasheet
1,022Kb / 16P
   20 V, 2 A PNP medium power transistors
BC69PAS_SER NEXPERIA-BC69PAS_SER Datasheet
3Mb / 15P
   20 V, 2 A PNP medium power transistors
Rev. 1 - 19 June 2015
BCP69 NEXPERIA-BCP69 Datasheet
1Mb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7 - 12 October 2011
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
BCP68 NEXPERIA-BCP68 Datasheet
2Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
BC68PAS NEXPERIA-BC68PAS Datasheet
762Kb / 14P
   20 V, 2 A NPN medium power transistors
logo
NXP Semiconductors
BC68-25PA PHILIPS-BC68-25PA Datasheet
1Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
BCP68 PHILIPS-BCP68_15 Datasheet
1Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com