Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1618S-TD-E Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części 2SD1618S-TD-E
Szczegółowy opis  Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1618S-TD-E Arkusz danych(HTML) 4 Page - ON Semiconductor

  2SD1618S-TD-E Datasheet HTML 1Page - ON Semiconductor 2SD1618S-TD-E Datasheet HTML 2Page - ON Semiconductor 2SD1618S-TD-E Datasheet HTML 3Page - ON Semiconductor 2SD1618S-TD-E Datasheet HTML 4Page - ON Semiconductor 2SD1618S-TD-E Datasheet HTML 5Page - ON Semiconductor 2SD1618S-TD-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD1618
No.1784-4/6
Bag Packing Specification
2SD1618S-TD-E, 2SD1618T-TD-E


Podobny numer części - 2SD1618S-TD-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SD1618 SANYO-2SD1618 Datasheet
85Kb / 3P
   Low-Voltage, High-Current Amp, Muting Applications
logo
Guangdong Kexin Industr...
2SD1618 KEXIN-2SD1618 Datasheet
52Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Sanyo Semicon Device
2SD1618 SANYO-2SD1618 Datasheet
181Kb / 3P
   Low-Voltage High-Current Amplifier, Muting Applications
logo
Guangdong Kexin Industr...
2SD1618-S KEXIN-2SD1618-S Datasheet
1Mb / 3P
   NPN Transistors
2SD1618-T KEXIN-2SD1618-T Datasheet
1Mb / 3P
   NPN Transistors
More results

Podobny opis - 2SD1618S-TD-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
2SC6096 ONSEMI-2SC6096 Datasheet
321Kb / 6P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6094 ONSEMI-2SC6094 Datasheet
329Kb / 7P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6095 ONSEMI-2SC6095 Datasheet
328Kb / 7P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single PCP
September, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com