Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC848CLT1G Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części BC848CLT1G
Szczegółowy opis  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848CLT1G Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button BC848CLT1G Datasheet HTML 5Page - ON Semiconductor BC848CLT1G Datasheet HTML 6Page - ON Semiconductor BC848CLT1G Datasheet HTML 7Page - ON Semiconductor BC848CLT1G Datasheet HTML 8Page - ON Semiconductor BC848CLT1G Datasheet HTML 9Page - ON Semiconductor BC848CLT1G Datasheet HTML 10Page - ON Semiconductor BC848CLT1G Datasheet HTML 11Page - ON Semiconductor BC848CLT1G Datasheet HTML 12Page - ON Semiconductor BC848CLT1G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BC846ALT1G Series
www.onsemi.com
11
1 mS
Thermal Limit
1 S
Figure 37. Safe Operating Area for
BC846A, BC846B
Figure 38. Safe Operating Area for
BC847A, BC847B, BC847C, BC850B, BC850C
VCE, COLLECTOR EMITTER VOLTAGE (V)
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.001
0.01
0.1
1
100
10
1
0.1
0.001
0.01
0.1
1
Figure 39. Safe Operating Area for
BC848A, BC848B, BC848C, BC849B, BC849C
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.1
0.001
0.01
0.1
1
100 mS
10 mS
1 mS
Thermal Limit
1 S
100 mS
10 mS
1 mS
Thermal Limit
1 S
100 mS
10 mS


Podobny numer części - BC848CLT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
113Kb / 13P
   General Purpose Transistors
January, 2017 ??Rev. 17
More results

Podobny opis - BC848CLT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com