Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFP3703PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRFP3703PBF
Szczegółowy opis  Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFP3703PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRFP3703PBF Datasheet HTML 1Page - International Rectifier IRFP3703PBF Datasheet HTML 2Page - International Rectifier IRFP3703PBF Datasheet HTML 3Page - International Rectifier IRFP3703PBF Datasheet HTML 4Page - International Rectifier IRFP3703PBF Datasheet HTML 5Page - International Rectifier IRFP3703PBF Datasheet HTML 6Page - International Rectifier IRFP3703PBF Datasheet HTML 7Page - International Rectifier IRFP3703PBF Datasheet HTML 8Page - International Rectifier IRFP3703PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFP3703PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.028
–––
V/°C Reference to 25°C, ID = 1mA
–––
2.3
2.8
VGS = 10V, ID = 76A
„
–––
2.8
3.9
VGS = 7.0V, ID = 76A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 24V, VGS = 0V
–––
–––
250
VDS = 24V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -20V
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
150
––– –––
S
VDS = 24V, ID = 76A
Qg
Total Gate Charge
–––
209 –––
ID = 76A
Qgs
Gate-to-Source Charge
–––
62
–––
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
42
–––
VGS = 10V,
„
td(on)
Turn-On Delay Time
–––
18
–––
VDD = 15V, VGS = 10V
tr
Rise Time
–––
123 –––
ID = 76A
td(off)
Turn-Off Delay Time
–––
53
–––
RG = 1.8Ω
tf
Fall Time
–––
24
–––
VGS = 10V
„
Ciss
Input Capacitance
––– 8250 –––
VGS = 0V
Coss
Output Capacitance
––– 3000 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
290 –––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
––– 10360 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
––– 3060 –––
VGS = 0V, VDS = 24V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
––– 2590 –––
VGS = 0V, VDS = 0V to 24V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
1700
mJ
IAR
Avalanche Current

–––
76
A
EAR
Repetitive Avalanche Energy

–––
23
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
–––
0.8
1.3
V
TJ = 25°C, IS = 76A, VGS = 0V
„
trr
Reverse Recovery Time
–––
80
120
ns
TJ = 25°C, IF = 76A, VDS = 16V
Qrr
Reverse RecoveryCharge
––– 185 275
nC
di/dt = 100A/µs
„
Diode Characteristics
210
†
1000
A
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m


Podobny numer części - IRFP3703PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFP3703PBF IRF-IRFP3703PBF Datasheet
219Kb / 9P
   HEXFET Power MOSFET
More results

Podobny opis - IRFP3703PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
   Synchronous Rectification
logo
STMicroelectronics
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
   Synchronous rectification
February 2011 Rev 2
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
   Synchronous rectification
May 2013 Rev 6
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
   Synchronous rectification
September 2008 Rev 1
STEVAL-ISA049V1 STMICROELECTRONICS-STEVAL-ISA049V1 Datasheet
172Kb / 4P
   Synchronous rectification
July 2009 Rev 1
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
logo
Recom International Pow...
R-723.3X RECOM-R-723.3X Datasheet
113Kb / 5P
   Synchronous rectification design
logo
ON Semiconductor
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
   Synchronous Rectification Controller
September 2015 Rev. 1.4
logo
International Rectifier
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com