Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFP9140NPBF Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRFP9140NPBF
Szczegółowy opis  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFP9140NPBF Arkusz danych(HTML) 6 Page - International Rectifier

  IRFP9140NPBF Datasheet HTML 1Page - International Rectifier IRFP9140NPBF Datasheet HTML 2Page - International Rectifier IRFP9140NPBF Datasheet HTML 3Page - International Rectifier IRFP9140NPBF Datasheet HTML 4Page - International Rectifier IRFP9140NPBF Datasheet HTML 5Page - International Rectifier IRFP9140NPBF Datasheet HTML 6Page - International Rectifier IRFP9140NPBF Datasheet HTML 7Page - International Rectifier IRFP9140NPBF Datasheet HTML 8Page - International Rectifier IRFP9140NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFP9140NPbF
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
0
200
400
600
800
1000
1200
25
50
75
100
125
150
175
J
A
Starting T , Junction Temperature (°C)
I
TOP
-4.7A
-8.1A
BOTTOM
-11A
D


Podobny numer części - IRFP9140NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFP9140NPBF IRF-IRFP9140NPBF Datasheet
240Kb / 9P
   HEXFET짰 Power MOSFET
More results

Podobny opis - IRFP9140NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com