Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIA79M05F Arkusz danych(PDF) 5 Page - KEC(Korea Electronics)

Numer części KIA79M05F
Szczegółowy opis  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79M05F Arkusz danych(HTML) 5 Page - KEC(Korea Electronics)

  KIA79M05F Datasheet HTML 1Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 2Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 3Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 4Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 5Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 6Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 7Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 8Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2002. 9. 24
5/9
KIA79M05F~KIA79M15F
Revision No : 2
ELECTRICAL CHARACTERISTICS
KIA79M12F
(unless otherwise specified : VIN=-19V, IOUT=350mA, CIN=0.33 F, COUT=1 F)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VO
Tj=25
-11.5
-12
-12.5
V
5mA IO 350mA,
-14.5V VIN -27V
-11.4
-12
-12.6
Line Regulation
VReg Line
-14.5V VIN -30V, Tj=25
-
5
80
mV
-15V VIN -25V, Tj=25
-
3
50
Load Regulation
VReg Load
5mA IO 500mA, Tj=25
-
30
240
mV
Quiescent Current
IB
Tj=25
-
4
6
mA
Quiescent Current Change
IB
5mA IO 350mA
-
-
0.4
mA
-14.5V VIN -30V
-
-
0.4
mA
Output Noise Voltage
VNO
f=10Hz 100kHz, Ta=25
-
75
-
V
Ripple Rejection
R R
f=120Hz, -15V VIN -25V
55
60
-
dB
Dropout Voltage
VD
IO=500mA, Tj=25
-
1.1
-
V
Short Circuit Current
ISC
Tj=25
-
800
-
mA
Output Voltage Drift
VO/ T
IO=5mA, Tj=0 125
-
-0.8
-
mV/


Podobny numer części - KIA79M05F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
More results

Podobny opis - KIA79M05F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com