Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIA78D15AF Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KIA78D15AF
Szczegółowy opis  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D15AF Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KIA78D15AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2014. 5. 13
1/11
SEMICONDUCTOR
TECHNICAL DATA
KIA78D15AF~
KIA78D05AF
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR
Description
The KIA78DxxAF Series are Low Dropout Voltage Regulator suitable for
various electronic equipments.
The Regulator has multi function such as over current protection, overheat
protection.
Features
・1.0A Output Low Drop Voltage Regulator.
・Built in Over Current Protection, Over Heat Protection.
・Low Quiescent Current : 2mA(Typ.)
LINE UP
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. VIN
2. GND
3. VOUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25
℃)
ITEM
OUTPUT VOLTAGE (Typ.)
PACKAGE
KIA78D15AF
1.5V
F : DPAK
KIA78D18AF
1.8V
KIA78D20AF
2.0V
KIA78D25AF
2.5V
KIA78D30AF
3.0V
KIA78D33AF
3.3V
KIA78D35AF
3.5V
KIA78D05AF
5.0V
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
15
V
Output Current
IO
1
A
Power Dissipation -1
(No Heatsink)
PD1
1.0
W
Power Dissipation -2
(Infinite Heatsink)
PD2
10
Junction Temperature
Tj
150
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-50 ~ +150


Podobny numer części - KIA78D15AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA78D15 KEC-KIA78D15 Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D15 KEC-KIA78D15 Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D15 KEC-KIA78D15 Datasheet
893Kb / 6P
   SEMICONDUCTOR
KIA78D15F KEC-KIA78D15F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D15F KEC-KIA78D15F Datasheet
67Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Podobny opis - KIA78D15AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com