Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIA78D25F Arkusz danych(PDF) 5 Page - KEC(Korea Electronics)

Numer części KIA78D25F
Szczegółowy opis  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D25F Arkusz danych(HTML) 5 Page - KEC(Korea Electronics)

  KIA78D25F_15 Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D25F_15 Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D25F_15 Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D25F_15 Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D25F_15 Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D25F_15 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2009. 2. 10
5/6
KIA78D25F/PI~78D15F/PI
Revision No : 8
-100
-25
JUNCTION TEMPERATURE T ( C)
j
j
o
Fig.6 T - V (KIA78D25)
025
50
75
100
125
-50
0
50
100
150
V
=4.2V
I
=0.5A
IN
O
j
JUNCTION TEMPERATURE T ( C)
JUNCTION TEMPERATURE T ( C)
j
-100
-25
025
50
75
100
125
-50
0
50
100
150
V
=5.0V
I
=0.5A
IN
O
25
-25
-100
-50
0
50
0
100
50
75
150
100
I =0.5A
V
=5.2V
O
IN
AMBIENT TEMPERATURE Ta ( C)
0
150
50
100
3
0
6
9
15
12
THERMAL RESISTANCE
J-C
9.62
J-A
96.2
C/W
Fig.9 T - V
JUNCTION TEMPERATURE T ( C)
0
-25
j
I =1A
O
D
j
025
50
75
100
125
0.1
0.2
0.3
0.4
0.5
I =0.75A
O
I =0.5A
O
I =0.25A
O
120
80
40
0
AMBIENT TEMPERATURE Ta ( C)
12
8
4
0
160
200
16
20
24
THERMAL RESISTANCE
J-C
6.0
J-A
62.5
C/W
Fig.4
PD - Ta (F-Type : DPAK)
Fig.5
PD - Ta (PI-Type : TO-220IS)
Tc=25 C
j
o
Fig.7 T - V (KIA78D33)
j
o
Fig.8 T - V (KIA78D25)
PD2
PD1
PD2
PD1


Podobny numer części - KIA78D25F_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA78D25F-PI KEC-KIA78D25F-PI Datasheet
893Kb / 6P
   SEMICONDUCTOR
KIA78D25F/PI KEC-KIA78D25F/PI Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D25F/PI KEC-KIA78D25F/PI Datasheet
893Kb / 6P
   SEMICONDUCTOR
More results

Podobny opis - KIA78D25F_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com