Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIA78R015ZZPI Arkusz danych(PDF) 8 Page - KEC(Korea Electronics)

Numer części KIA78R015ZZPI
Szczegółowy opis  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R015ZZPI Arkusz danych(HTML) 8 Page - KEC(Korea Electronics)

  KIA78R015ZZPI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2010. 2. 2
8/9
KIA78R000ZF/ZPI~~KIA78R050ZF/ZPI
Revision No : 0
Fig. 9 VIN- VO
INPUT VOLTAGE VIN (V)
0
0
1
2
3
4
5
6
13
4
25
6
15
13 14
11 12
910
78
Fig. 7 IO - VO
OUTPUT CURRENT IO (A)
0
0
1
2
3
4
5
6
-50
-40
-30
-20
-10
0
10
20
30
40
50
VIN=5V, VC=2.7V,
IO=0.5A, R1, R2=1kΩ,
CIN=0.33µF, CO=47µF
-50
-25
0
25
50
75
125
100
Fig. 11 Tj - VD
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
VC=2.7V
CIN=0.33µF, CO=47µF
-50
-25
0
25
50
75
125
100
Fig. 12 Tj - IQ
0
0.5
1
1.5
2
V
C=2.7V, IO=0A,
C
IN=0.33µF, CO=47µF
-50
-25
0
255075
125
100
IO=1A
I
O=0.5A
0.5
1.0
1.5
2.0
2.5
3.0
JUNCTION TEMPERATURE Tj ( C)
JUNCTION TEMPERATURE Tj ( C)
JUNCTION TEMPERATURE Tj ( C)
Fig. 8 Ta - Vref
V
IN=10V
V
IN=6V
Fig. 10 VIN - IBIAS
INPUT VOLTAGE VIN (V)
0
0
5
10
15
20
25
30
V
C=2.7V, Ta=25 C
C
IN=0.33µF, CO=47µF
12345
15
11
912 13 14
810
7
6
VC=2.7V, Ta=25 C,
CIN=0.33µF, CO=47µF
VC=2.7V, Ta=25 C
R1, R2=1kΩ,
CIN=0.33µF, CO=47µF


Podobny numer części - KIA78R015ZZPI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA78R015ZF/ZPI KEC-KIA78R015ZF/ZPI Datasheet
121Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Podobny opis - KIA78R015ZZPI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com