Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIA78DL15F Arkusz danych(PDF) 2 Page - KEC(Korea Electronics)

Numer części KIA78DL15F
Szczegółowy opis  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78DL15F Arkusz danych(HTML) 2 Page - KEC(Korea Electronics)

  KIA78DL15F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78DL15F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78DL15F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78DL15F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78DL15F Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2004. 11. 17
2/5
KIA78DL05F/PI~78DL15F/PI
Revision No : 2
SHORT CURRENT
PROTECTION
1
3
2
INPUT
OUTPUT
GND
-
+
OVERVOLTAGE
PROTECTION
OVERHEAT
PROTECTION
BLOCK DIAGRAM
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
5.35V
VIN 26V, Ta=-40 85
4.5
5
5.5
V
Line Regulation
VOUT(1)
9V
VIN 16V
-
2
10
mV
6V
VIN 26V
-
4
30
Load Regulation
VOUT(2)
10mA
IOUT 200mA
-
14
50
mV
Quiescent Current
ICC
IOUT 10mA, 6V VIN 26V
-
0.5
1
mA
Dropout Voltage
VDROP
IOUT= 50mA
-
0.15
0.3
V
IOUT=200mA
-
0.4
0.6
Max. Operating Input Voltage
VIN
29
33
-
V
KIA78DL05F/PI
ELECTRICAL CHARACTERISTICS (VIN=14V, IOUT=10mA, Tj=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
6.35V
VIN 26V, Ta=-40 85
5.4
6
6.6
V
Line Regulation
VOUT(1)
10V
VIN 17V
-
2
12
mV
7V
VIN 26V
-
5
36
Load Regulation
VOUT(2)
10mA
IOUT 200mA
-
17
60
mV
Quiescent Current
ICC
IOUT 10mA, 7V VIN 26V
-
0.55
-
mA
Dropout Voltage
VDROP
IOUT= 50mA
-
0.15
0.3
V
IOUT=200mA
-
0.4
0.6
Max. Operating Input Voltage
VIN
29
33
-
V
KIA78DL06F/PI
ELECTRICAL CHARACTERISTICS (VIN=14V, IOUT=10mA, Tj=25 )


Podobny numer części - KIA78DL15F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA78DL15F KEC-KIA78DL15F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL15F/PI KEC-KIA78DL15F/PI Datasheet
74Kb / 5P
   SEMICONDUCTOR
More results

Podobny opis - KIA78DL15F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com