Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIA79L10F Arkusz danych(PDF) 3 Page - KEC(Korea Electronics)

Numer części KIA79L10F
Szczegółowy opis  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79L10F Arkusz danych(HTML) 3 Page - KEC(Korea Electronics)

  KIA79L10F Datasheet HTML 1Page - KEC(Korea Electronics) KIA79L10F Datasheet HTML 2Page - KEC(Korea Electronics) KIA79L10F Datasheet HTML 3Page - KEC(Korea Electronics) KIA79L10F Datasheet HTML 4Page - KEC(Korea Electronics) KIA79L10F Datasheet HTML 5Page - KEC(Korea Electronics) KIA79L10F Datasheet HTML 6Page - KEC(Korea Electronics) KIA79L10F Datasheet HTML 7Page - KEC(Korea Electronics) KIA79L10F Datasheet HTML 8Page - KEC(Korea Electronics) KIA79L10F Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1997. 3. 26
3/14
KIA79L05F~KIA79L24F
Revision No : 2
ELECTRICAL CHARACTERISTICS
KIA79L06F
(Unless otherwise specified, VIN=-11V, IOUT=40mA, CIN=0.33 F, COUT=0.1 F, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25
-6.24
-6.0
-5.76
V
Input Regulation
Reg line
1
Tj=25
-21V VIN -8.1V
-
50
150
mV
-21V VIN -9.0V
-
45
110
Load Regulation
Reg load
1
Tj=25
1.0mA IOUT 100mA
-
12
70
mV
1.0mA IOUT 40mA
-
5.5
35
Output Voltage
VOUT
1
-21V VIN -8.1V
1.0mA IOUT 40mA
-6.3
-
-5.7
V
VIN=-11V, 1.0mA IOUT 70mA
-6.3
-
-5.7
Quiescent Current
IB
1
Tj=25
-
3.1
6.0
mA
Tj=125
-
-
5.5
Quiescent Current Change
IBI
1
-20V VIN -9.0V
-
-
1.5
mA
IBO
1.0mA IOUT 40mA
-
-
0.1
Output Noise Voltage
VNO
3
Ta=25 , 10Hz f 100kHz
-
40
-
Vrms
Long Term Stability
VOUT/ t
1
-
14
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
-19V VIN -9.0V,
Tj=25 , f=120Hz
39
47
-
dB
Dropout Voltage
VIN-
VOUT
1
Tj=25 , IOUT=40mA
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-0.7
-
mV/


Podobny numer części - KIA79L10F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA79L10F KEC-KIA79L10F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Podobny opis - KIA79L10F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com