Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA6F6.8A-56A Arkusz danych(PDF) 2 Page - Bruckewell Technology LTD

Numer części SMA6F6.8A-56A
Szczegółowy opis  600W surge capability at 1ms
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BWTECH [Bruckewell Technology LTD]
Strona internetowa  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SMA6F6.8A-56A Arkusz danych(HTML) 2 Page - Bruckewell Technology LTD

  SMA6F6.8A-56A Datasheet HTML 1Page - Bruckewell Technology LTD SMA6F6.8A-56A Datasheet HTML 2Page - Bruckewell Technology LTD SMA6F6.8A-56A Datasheet HTML 3Page - Bruckewell Technology LTD SMA6F6.8A-56A Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMA6F SERIIES
VBR : 6.8 - 56 Volts
PPK : 600 Watts
Publication Order Number: [SMA6F SERIES]
©Bruckewell Technology Corporation Rev. A -2015
Notes:
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 °C per Fig. 1
(2) Mounted on copper Lead area at 5.0 mm
2 ( 0.013 mm thick ).
(3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum.
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
SMA6F6.8A
6.45
7.14
10
5.80
1000
57.0
10.5
0.057
SMA6F7.5A
7.13
7.88
10
6.40
500
53.0
11.3
0.061
SMA6F8.2A
7.79
8.61
10
7.02
200
50.0
12.1
0.065
SMA6F9.1A
8.65
9.55
1.0
7.78
50
45.0
13.4
0.068
SMA6F10A
9.50
10.5
1.0
8.55
10
41.0
14.5
0.0.73
SMA6F11A
10.5
11.6
1.0
9.40
5.0
38.0
15.6
0.075
SMA6F12A
11.4
12.6
1.0
10.2
5.0
36.0
16.7
0.0.78
SMA6F13A
12.4
13.7
1.0
11.1
5.0
33.0
18.2
0.081
SMA6F15A
14.3
15.8
1.0
12.8
5.0
28.0
21.2
0.084
SMA6F16A
15.2
16.8
1.0
13.6
5.0
27.0
22.5
0.086
SMA6F18A
17.1
18.9
1.0
15.3
5.0
24.0
25.2
0.088
SMA6F20A
19.0
21.0
1.0
17.1
5.0
22.0
27.7
0.090
SMA6F22A
20.9
23.1
1.0
18.8
5.0
20.0
30.6
0.092
SMA6F24A
22.8
25.2
1.0
20.5
5.0
18.0
33.2
0.094
SMA6F27A
25.7
28.4
1.0
23.1
5.0
16.0
37.5
0.096
SMA6F30A
28.5
31.5
1.0
25.6
5.0
14.4
41.4
0.097
SMA6F33A
31.4
34.7
1.0
28.2
5.0
13.2
45.7
0.098
SMA6F36A
34.2
37.8
1.0
30.8
5.0
12.0
49.9
0.099
SMA6F39A
37.1
41.0
1.0
33.3
5.0
11.2
53.9
0.100
SMA6F43A
40.9
45.2
1.0
36.8
5.0
10.1
59.3
0.101
SMA6F47A
44.7
49.4
1.0
40.2
5.0
9.3
64.8
0.101
SMA6F51A
48.5
53.6
1.0
43.6
5.0
8.6
70.1
0.102
SMA6F56A
53.2
58.8
1.0
47.8
5.0
7.8
77.0
0.103
Note:
(1) "SMA6F" will be omitted in marking on the diode.


Podobny numer części - SMA6F6.8A-56A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SMA6F6.0A VISHAY-SMA6F6.0A Datasheet
101Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 23-Nov-11
SMA6F6.0A VISHAY-SMA6F6.0A Datasheet
132Kb / 6P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
STMicroelectronics
SMA6F6.0A STMICROELECTRONICS-SMA6F6.0A Datasheet
663Kb / 14P
   600 W TVS in SMA Flat
DS12564 - Rev 4 - September 2019
logo
Vishay Siliconix
SMA6F6.5A VISHAY-SMA6F6.5A Datasheet
101Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 23-Nov-11
SMA6F6.5A VISHAY-SMA6F6.5A Datasheet
132Kb / 6P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Podobny opis - SMA6F6.8A-56A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bruckewell Technology L...
P6SMB_CA BWTECH-P6SMB_CA Datasheet
528Kb / 5P
   600W surge capability at 1ms
P6SMB_A BWTECH-P6SMB_A Datasheet
529Kb / 5P
   600W surge capability at 1ms
1SMC_5.0_188A BWTECH-1SMC_5.0_188A Datasheet
503Kb / 5P
   1500W surge capability at 1ms
PASMA6.8C BWTECH-PASMA6.8C Datasheet
592Kb / 7P
   400W surge capability at 1ms
P4KE_C BWTECH-P4KE_C Datasheet
563Kb / 7P
   400W surge capability at 1ms
P4SMA BWTECH-P4SMA Datasheet
592Kb / 7P
   400W surge capability at 1ms
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com