Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8920C Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części TDA8920C
Szczegółowy opis  2 X 110 W class-D power amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920C Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button TDA8920C_15 Datasheet HTML 5Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 6Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 7Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 8Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 9Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 10Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 11Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 12Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TDA8920C_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
9 of 39
NXP Semiconductors
TDA8920C
2
× 110 W class-D power amplifier
8.3.1.2
OverTemperature Protection (OTP)
If TFB fails to stabilize the temperature and the junction temperature continues to rise, the
amplifier will shut down as soon as the temperature reaches the thermal protection
activation threshold, Tact(th_prot). The amplifier will resume switching approximately 100 ms
after the temperature drops below Tact(th_prot).
The thermal behavior is illustrated in Figure 6.
8.3.2 OverCurrent Protection (OCP)
In order to guarantee the robustness of the TDA8920C, the maximum output current that
can be delivered at the output stages is limited. OCP is built in for each output power
switch.
OCP is activated when the current in one of the power transistors exceeds the OCP
threshold (IORM = 9.2 A) due, for example, to a short-circuit to a supply line or across the
load.
The TDA8920C amplifier distinguishes between low-ohmic short-circuit conditions and
other overcurrent conditions such as a dynamic impedance drop at the loudspeaker. The
impedance threshold (Zth) depends on the supply voltage.
How the amplifier reacts to a short circuit depends on the short-circuit impedance:
Short-circuit impedance > Zth: the amplifier limits the maximum output current to IORM
but the amplifier does not shut down the PWM outputs. Effectively, this results in a
clipped output signal across the load (behavior very similar to voltage clipping).
Short-circuit impedance < Zth: the amplifier limits the maximum output current to IORM
and at the same time discharges the capacitor on pin PROT. When CPROT is fully
discharged, the amplifier shuts down completely and an internal timer is started.
The value of the protection capacitor (CPROT) connected to pin PROT can be between
10 pF and 220 pF (typically 47 pF). While OCP is activated, an internal current source is
enabled that will discharge CPROT.
(1) Duty cycle of PWM output modulated according to the audio input signal.
(2) Duty cycle of PWM output reduced due to TFB.
(3) Amplifier is switched off due to OTP.
Fig 6.
Behavior of TFB and OTP
001aah656
(Tact(th_fold) − 5°C)
Tact(th_fold)
Tj (°C)
Tact(th_prot)
Gain
(dB)
30 dB
24 dB
0 dB
12
3


Podobny numer części - TDA8920C_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8920CJ NXP-TDA8920CJ Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920CJ NXP-TDA8920CJ Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920CTH NXP-TDA8920CTH Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920CTH NXP-TDA8920CTH Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920C NXP-TDA8920C_09 Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Podobny opis - TDA8920C_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8920C NXP-TDA8920C_09 Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com