Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS70SB16_15 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 1PS70SB16_15
Szczegółowy opis  Dual Schottky barrier diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS70SB16_15 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  1PS70SB16_15_15 Datasheet HTML 1Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 2Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 3Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 4Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 5Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 6Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 7Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 8Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1PS70SB16
Dual Schottky barrier diode
17 December 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Dual Planar Schottky barrier diode in common anode configuration with an integrated
guard ring for stress protection, encapsulated in a very small SOT323 (SC-70) Surface-
Mounted Device (SMD) plastic package.
2. Features and benefits
Low forward voltage
Low capacitance
AEC-Q101 qualified
3. Applications
Ultra high-speed switching
Line termination
Voltage clamping
Reverse polarity protection
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
30
V
Per diode
VF
forward voltage
IF = 10 mA; Tamb = 25 °C
-
-
400
mV


Podobny numer części - 1PS70SB16_15_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS70SB16 PHILIPS-1PS70SB16 Datasheet
57Kb / 8P
   Schottky barrier (double) diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
1PS70SB16 KEXIN-1PS70SB16 Datasheet
49Kb / 1P
   Schottky barrier (double) diodes
logo
Nexperia B.V. All right...
1PS70SB16 NEXPERIA-1PS70SB16 Datasheet
2Mb / 9P
   Dual Schottky barrier diode
17 December 2012
More results

Podobny opis - 1PS70SB16_15_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Advanced Semiconductor
5082-2271 ASI-5082-2271 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
NXP Semiconductors
1PS70SB14_15 PHILIPS-1PS70SB14_15_15 Datasheet
166Kb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15_15 PHILIPS-1PS70SB15_15_15 Datasheet
165Kb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Leshan Radio Company
MMBD352WT1 LRC-MMBD352WT1 Datasheet
48Kb / 2P
   Dual Schottky Barrier Diode
logo
ON Semiconductor
MMBD352WT1 ONSEMI-MMBD352WT1_05 Datasheet
43Kb / 4P
   Dual Schottky Barrier Diode
April, 2005 ??Rev. 3
logo
Advanced Semiconductor
5082-2830 ASI-5082-2830 Datasheet
16Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
ON Semiconductor
MMBD352WT1G ONSEMI-MMBD352WT1G Datasheet
127Kb / 3P
   Dual Schottky Barrier Diode
November, 2011 ??Rev. 5
logo
Seme LAB
SB30-45MSMD SEME-LAB-SB30-45MSMD Datasheet
24Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com